Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBT3906LP
Description  40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906LP Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBT3906LP_15 Datasheet HTML 1Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 2Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 3Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 4Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 5Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 6Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT3906LP
Document number: DS31836 Rev. 7 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
MMBT3906LP
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-40
V
IC = -100µA, IE = 0
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-40
V
IC = -10.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-6.0
V
IE = -100µA, IC = 0
Collector Cutoff Current
ICEX
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
ICBO
-50
nA
VCB = -30V, IE = 0
Base Cutoff Current
IBL
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
60
IC = -100µA, VCE = -1.0V
80

IC = -1.0mA, VCE = -1.0V
100
300
IC = -10mA, VCE = -1.0V
60

IC = -50mA, VCE = -1.0V
30

IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.25
V
IC = -10mA, IB = -1.0mA

-0.40
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.65
-0.85
V
IC = -10mA, IB = -1.0mA
-0.95
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4.5
pF
VCB = -5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
2.0
12
k
Ω
VCE = 10V, IC = 1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.1
10
x 10
-4
Small Signal Current Gain
hfe
100
400
Output Admittance
hoe
3.0
60
µS
Current Gain-Bandwidth Product
fT
300
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = -3.0V, IC = -10mA,
VBE(off) = 0.5V, IB1 = -1.0mA
Rise Time
tr
35
ns
Storage Time
ts
225
ns
VCC = -3.0V, IC = -10mA,
IB1 = IB2 = -1.0mA
Fall Time
tf
75
ns
Note:
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com