Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1045 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1045
Description  Programmable Micropower Hex Translator/ Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045 Datasheet(HTML) 2 Page - Linear Technology

  LTC1045 Datasheet HTML 1Page - Linear Technology LTC1045 Datasheet HTML 2Page - Linear Technology LTC1045 Datasheet HTML 3Page - Linear Technology LTC1045 Datasheet HTML 4Page - Linear Technology LTC1045 Datasheet HTML 5Page - Linear Technology LTC1045 Datasheet HTML 6Page - Linear Technology LTC1045 Datasheet HTML 7Page - Linear Technology LTC1045 Datasheet HTML 8Page - Linear Technology LTC1045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1045
ORDER PART
NUMBER
Total Supply Voltage (V +, VOH to V–, VOL) .............. 18V
Output High Voltage (VOH)...................................... ≤ V
+
Input Voltage ....................................18V to (V – – 0.3V)
Output Short-Circuit Duration
(VOH – VOL ≤ 10V) ................................... Continuous
ESD (MIL-STD-883, Method 3015) .................... 2000V
Operating Temperature Range ................. –40
°C to 85°C
Storage Temperature Range ................. – 55
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Notes 1, 2)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
LTC1045CJ
LTC1045CN
LTC1045CSW
TJMAX = 150°C, θJA = 70°C/ W (J)
TJMAX = 110°C, θJA = 90°C/ W (N)
TJMAX = 110°C, θJA = 90°C/ W (SW)
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
V + = VOH = 5V, V – = VOL = 0V, TA = 25°C, unless otherwise specified. (Note 3)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
V –
≤ VIN ≤ V+
±1nA
q
0.5
µA
Trip Voltage Range (Pins 8, 9)
q
V –
V + – 2
V
IS
V + to V– Supply Current
DISABLE = V +, RSET = 10k
2.5
3.5
mA
q
4.5
mA
IOFF
V + to V– Supply Current in Shutdown
DISABLE = ISET = V +
10
nA
q
1
µA
VREF
Voltage on ISET (Pin 12)
RSET = 10k
0.9
V
q
0.6
1.25
V
VOH
TTL Output High Voltage
IOUT = – 360µA, V + = 4.5V
q
2.4
4.4
V
VOL
TTL Output Low Voltage
IOUT = 1.6mA, V + = 4.5V
q
0.2
0.4
V
ISINK
Output Short-Circuit Sink Current
VIN = VTRIP – 100mV, VOUT = V +
7.5
15
mA
q
5.5
mA
ISOURCE
Output Short-Circuit Source Current
VIN = VTRIP + 100mV, VOUT = V –
4.0
8.0
mA
q
3.2
mA
IOZ
Three-State Leakage Current
DISABLE = V +, VOL ≤ VOUT ≤ VOH
0.005
µA
q
1
µA
ROH
Output Resistance to VOH
IOUT ≤ 100µA
260
475
Ω
q
600
Ω
ROL
Output Resistance to VOL
IOUT ≤ 100µA
100
180
Ω
q
250
Ω
ISET Voltage for Shutdown
q
V + – 0.5
V
DISABLE Input Logic Levels
VIH
V + = 4.5V, V – = 0V
q
2.0
V
VIL
V + = 5.5V, V – = 0V
q
0.8
V
Input Supply Differential
q
4.5
15
V
(V + – V –) (Note 3)
Output Supply Differential
q
315
V
(VOH – VOL) (Note 3)
1
2
3
4
5
6
7
8
9
10
TOP VIEW
J PACKAGE
20-LEAD CERDIP
N PACKAGE
20-LEAD PDIP
SW PACKAGE
20-LEAD SO WIDE
20
19
18
17
16
15
14
13
12
11
VOH
IN1
IN2
IN3
IN4
IN5
IN6
VTRIP2
VTRIP1
V–
V+
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
DISABLE
ISET
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com