Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV5004LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV5004LP
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV5004LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV5004LP_15 Datasheet HTML 1Page - Diodes Incorporated BAV5004LP_15 Datasheet HTML 2Page - Diodes Incorporated BAV5004LP_15 Datasheet HTML 3Page - Diodes Incorporated BAV5004LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV5004LP
Document number: DS32181 Rev. 5 - 2
2 of 4
www.diodes.com
April 2012
© Diodes Incorporated
BAV5004LP
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
350
V
RMS Reverse Voltage
VR(RMS)
247
V
Forward Continuous Current (Note 5)
IFM
300
mA
Peak Repetitive Forward Current (Note 5)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
IFSM
5.0
3.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) (See figure 1)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
400
⎯
⎯
V
IR = 150μA
Forward Voltage
VF
⎯
⎯
⎯
⎯
0.93
1.09
1.29
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 6)
IR
⎯
⎯
⎯
1
100
μA
μA
VR = 240V
VR = 240V, TJ = 150°C
Total Capacitance
CT
⎯
0.9
2.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
400
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
200
100
300
0
500
0
30
60
90
120
150
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
100
10
1
0.1
0.01
0.001
T = 25 C
J
°
T =
5 C
J
-5
°
T = 8
C
J
°
5
T = 12
C
J
°
5
T = 1 0 C
J
°
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com