Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLML3C1-50 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GLML3C1-50
Description  Green Diode Pumped Laser Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GLML3C1-50 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GLML3C1-50 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
06.12.2010
GLML3C1-50
1 of 1
GLML3C1-50
TECHNICAL DATA
Green Diode Pumped Laser Module
Specifications
Wavelength
532 nm
Output Power
> 50 mW
Operating Mode
CW
Operating Voltage
9 V DC
Power Supply
110/220 V AC, 9V DC
Operating Current
< 1.2 A
Beam Divergence
< 1.2 mrad
Dimension (laser head)
80 x 55 x 34 mm
Operating Temperature
20 – 30 °C
Warm-up Time
< 5 min
Expected Lifetime
> 3000 hours
Package Dimensons
Unit:mm


Similar Part No. - GLML3C1-50

ManufacturerPart #DatasheetDescription
logo
RFHIC
GLM0921-L RFHIC-GLM0921-L Datasheet
165Kb / 2P
MCM Linear High Gain Linearity Module
logo
SL Power Electronics
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GLM110-12 SLPOWER-GLM110-12 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GLM110-12 SLPOWER-GLM110-12 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GLM110-15 SLPOWER-GLM110-15 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results

Similar Description - GLML3C1-50

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW473-1-80MW ROITHNER-CW473-1-80MW Datasheet
128Kb / 2P
BLUE DIODE PUMPED SOLID STATE LASER MODULE
CW532-001L ROITHNER-CW532-001L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
CW532-005L ROITHNER-CW532-005L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
CW532-010L ROITHNER-CW532-010L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
CW532-020L ROITHNER-CW532-020L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
CW532-050L ROITHNER-CW532-050L Datasheet
125Kb / 2P
Green Diode Pumped Solid State Line Laser Module
MGM2-1 ROITHNER-MGM2-1 Datasheet
144Kb / 1P
Green Diode Pumped Laser Module
RLCA532-5-3 ROITHNER-RLCA532-5-3 Datasheet
92Kb / 1P
Green Cross Line Diode Pumped Laser Module
RLDD532-1-3 ROITHNER-RLDD532-1-3 Datasheet
92Kb / 1P
Green Diode Pumped Laser Module
RLDD532-3-3 ROITHNER-RLDD532-3-3 Datasheet
91Kb / 1P
Green Diode Pumped Laser Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com