Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDM-1 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LDM-1
Description  LASERDIODENMODULE TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM-1 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LDM-1 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LASERDIODENMODULE TYPE LDM-1
LASERDIODENMODULE TYPE LDM-1
Specifications
LDM-1A
LDM-1B
LDM-1C
LDM-1D
Outputpower
< 1 mW
< 5 mW
< 1 mW
< 5 mW
Wavelength
670 +/-10 nm
670 +/-10 nm
635 +/-10 nm
635 +/-10 nm
Laser Class
2
3 A
2
3 A
Spot Size
< 15 mm @ 5 m
< 15 mm @ 5 m
< 15 mm @ 5 m
< 15 mm @ 5 m
Divergence
< 1 mrad
< 1 mrad
< 1 mrad
< 1 mrad
Laser Type
Diode
Diode
Diode
Diode
Weight
3 g
3 g
3 g
3 g
Base
13 x 10 mm²
13 x 10 mm²
13 x 10 mm²
13 x 10 mm²
Height
13 mm
13 mm
13 mm
13 mm
Supply Voltage
3 VDC
3 VDC
3 VDC
3 VDC
Supply Current
< 50 mA
< 50 mA
< 50 mA
< 50 mA
ACHTUNG! Beachten sie die Sicherheitsvorschriften laut IEC 825-1
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
white dot = "+"


Similar Part No. - LDM-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
logo
LUMEX INC.
LDM-12257MI LUMEX-LDM-12257MI Datasheet
66Kb / 1P
565nm GREEN CHIPS, GRAY FACE WITH WHITE DOTS
LDM-12257NI LUMEX-LDM-12257NI Datasheet
66Kb / 1P
565nm GREEN CHIPS, GRAY FACE WITH WHITE DOTS
LDM-12457NI LUMEX-LDM-12457NI Datasheet
86Kb / 1P
635nm RED CHIPS, GRAY FACE WITH WHITE DOTS
LDM-13488MI LUMEX-LDM-13488MI Datasheet
70Kb / 1P
UNCONTROLLED DOCUMENT
More results

Similar Description - LDM-1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
TRANSFER-MOLD TYPE INSULATED TYPE
logo
Powerex Power Semicondu...
PS11012 POWEREX-PS11012 Datasheet
409Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11017 POWEREX-PS11017 Datasheet
2Mb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12013-A POWEREX-PS12013-A Datasheet
387Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12014-A POWEREX-PS12014-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12018-A POWEREX-PS12018-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
logo
Mitsubishi Electric Sem...
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
logo
Adam Technologies, Inc.
HDMI-PLUG-OM ADAM-TECH-HDMI-PLUG-OM Datasheet
82Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
HDMI-PLUG-OM2-15 ADAM-TECH-HDMI-PLUG-OM2-15 Datasheet
88Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com