Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2336-18 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2336-18
Description  True Bipolar, Fully Differential Input ADC with 100dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2336-18 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2336-18_15 Datasheet HTML 9Page - Linear Technology LTC2336-18_15 Datasheet HTML 10Page - Linear Technology LTC2336-18_15 Datasheet HTML 11Page - Linear Technology LTC2336-18_15 Datasheet HTML 12Page - Linear Technology LTC2336-18_15 Datasheet HTML 13Page - Linear Technology LTC2336-18_15 Datasheet HTML 14Page - Linear Technology LTC2336-18_15 Datasheet HTML 15Page - Linear Technology LTC2336-18_15 Datasheet HTML 16Page - Linear Technology LTC2336-18_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2336-18
13
233618f
For more information www.linear.com/LTC2336-18
applicaTions inForMaTion
Figure7b. Using the LTC6655-2.048 as an External Reference
Figure 7c. Overdriving REFBUF Using the LTC6655-5
Figure 8. CNV waveform Showing Burst Sampling
LTC2336-18
BANDGAP
REFERENCE
LTC6655-2.048
233618 F07b
47µF
2.7µF
6.5k
REFBUF
REFIN
15k
6.5k
REFERENCE
BUFFER
GND
LTC2336-18
GND
BANDGAP
REFERENCE
LTC6655-5
233618 F07c
47µF
6.5k
REFBUF
REFIN
15k
6.5k
REFERENCE
BUFFER
External Reference Unbuffered
The internal reference buffer can also be overdriven from
2.5V to 5V with an external reference at REFBUF as shown
in Figure 7c. So the input ranges are ±6.25V to ±12.5V,
respectively, as shown in Table 3. To do so, REFIN must
be grounded to disable the reference buffer. A 13k resis-
tor loads the REFBUF pin when the reference buffer is
disabled. To maximize the input signal swing and cor-
responding SNR, the LTC6655-5 is recommended when
overdrivingREFBUF.TheLTC6655-5offersthesamesmall
size, accuracy, drift and extended temperature range as
the LTC6655-2.048. By using a 5V reference, an SNR of
102dB can be achieved. Bypassing the LTC6655-5 with
a 47μF ceramic capacitor (X5R, 0805 size) close to the
REFBUF pin is recommended.
TheREFBUFpinoftheLTC2336-18drawsacharge(QCONV)
fromtheexternalbypasscapacitorduringeachconversion
cycle. If the internal reference buffer is overdriven, the
external reference must provide all of this charge with a
DC current equivalent to IREFBUF = QCONV/tCYC. Thus, the
DC current draw of REFBUF depends on the sampling rate
and output code. In applications where a burst of samples
is taken after idling for long periods, as shown in Figure 8,
IREFBUF quickly goes from approximately 390µA to a maxi-
mumof0.6mAforREFBUF=5Vat250ksps.ThisstepinDC
current draw triggers a transient response in the external
CNV
IDLE
PERIOD
IDLE
PERIOD
233618 F08
reference that must be considered since any deviation in
the voltage at REFBUF will affect the accuracy of the output
code. If an external reference is used to overdrive REFBUF,
the fast settling LTC6655-5 reference is recommended.
Internal Reference Buffer Transient Response
Foroptimumtransientperformance,theinternalreference
buffer should be used. The internal reference buffer uses a
proprietary design that results in an output voltage change
at REFBUF of less than 1LSB when responding to a sudden
burst of conversions. This makes the internal reference
bufferoftheLTC2336-18trulysingle-shotcapablesincethe
first sample taken after idling will yield the same result as
a sample taken after the transient response of the internal
reference buffer has settled. Figure 9 shows the transient
responses of the LTC2336-18 with the internal reference
buffer and with the internal reference buffer overdriven by
the LTC6655-5, both with a bypass capacitance of 47μF.
DYNAMIC PERFORMANCE
Fast Fourier Transform (FFT) techniques are used to test
the ADC’s frequency response, distortion and noise at the
ratedthroughput.Byapplyingalowdistortionsinewaveand
analyzingthedigitaloutputusinganFFTalgorithm,theADC’s
spectralcontentcanbeexaminedforfrequenciesoutsidethe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com