Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2450-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2450-1
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2450-1 Datasheet HTML 1Page - Linear Technology LTC2450-1 Datasheet HTML 2Page - Linear Technology LTC2450-1 Datasheet HTML 3Page - Linear Technology LTC2450-1 Datasheet HTML 4Page - Linear Technology LTC2450-1 Datasheet HTML 5Page - Linear Technology LTC2450-1 Datasheet HTML 6Page - Linear Technology LTC2450-1 Datasheet HTML 7Page - Linear Technology LTC2450-1 Datasheet HTML 8Page - Linear Technology LTC2450-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2450-1
2
24501fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ...................................– 0.3V to 6V
Analog Input Voltage (VIN)........... – 0.3V to (VCC + 0.3V)
Digital Input Voltage..................... – 0.3V to (VCC + 0.3V)
Digital Output Voltage .................. – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2450C-1 ............................................. 0°C to 70°C
LTC2450I-1 ..........................................– 40°C to 85°C
Storage Temperature Range...................– 65°C to 150°C
(Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No missing codes)
(Note 3)
l
16
Bits
Integral Nonlinearity
(Note 4)
l
210
LSB
Offset Error
l
0.5
2
mV
Offset Error Drift
0.02
LSB/°C
Gain Error
l
0.01
0.02
% of FS
Gain Error Drift
0.02
LSB/°C
Transition Noise
1.4
μVRMS
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
l
0VCC
CIN
IN Sampling Capacitance
0.35
pF
IDC_LEAK (VIN)
IN DC Leakage Current
VIN = GND (Note 5)
VIN = VCC (Note 5)
l
l
–10
–10
1
1
10
10
nA
nA
ICONV
Input Sampling Current (Note 9)
50
nA
The
l denotes the specifications which apply over the full operating temperature range,otherwise
specifications are at TA = 25°C.
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2450CDC-1#TRMPBF
LTC2450CDC-1#TRPBF
LDBZ
6-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2450IDC-1#TRMPBF
LTC2450IDC-1#TRPBF
LDBZ
6-Lead (2mm
× 2mm) Plastic DFN
– 40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
VCC
VIN
GND
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
4
5
7
6
3
2
1
SCK
SDO
CS
TJMAX = 125°C, JA = 102°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ANALOG INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com