Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3PAL45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V3PAL45
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V3PAL45 Datasheet(HTML) 2 Page - Vishay Siliconix

  V3PAL45 Datasheet HTML 1Page - Vishay Siliconix V3PAL45 Datasheet HTML 2Page - Vishay Siliconix V3PAL45 Datasheet HTML 3Page - Vishay Siliconix V3PAL45 Datasheet HTML 4Page - Vishay Siliconix V3PAL45 Datasheet HTML 5Page - Vishay Siliconix V3PAL45 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V3PAL45
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jul-13
2
Document Number: 87906
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Note
(1) Free air, mounted on recommended PCB, 2 oz. pad area; thermal resistance RJA - junction to ambient; RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Currernt Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.5 A
TA = 25 °C
VF (1)
0.41
-
V
IF = 3.0 A
0.46
0.54
IF = 1.5 A
TA = 125 °C
0.30
-
IF = 3.0 A
0.37
0.46
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
-
450
μA
TA = 125 °C
5
15
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
450
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
V3PAL45
UNIT
Typical thermal resistance
RJA (1)
100
°C/W
RJM (1)
9
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V3PAL45-M3/I
0.032
I
14 000
13" diameter plastic tape and reel
V3PAL45HM3/I (1)
0.032
I
14 000
13" diameter plastic tape and reel
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
0
25
50
75
100
125
150
Mount Temperature (°C)
T
M measured at cathode band
terminal PCB mount
T
M = 138 °C, RthJM = 9 °C/W
T
A = 25 °C
R
thJA = 100 °C/W
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com