Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSA3U60 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSSA3U60
Description  3A, 60V Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSA3U60 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSSA3U60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSA3U60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSA3U60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSA3U60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_D1411075
Version: C15
TSSA3U60
Taiwan Semiconductor
E3
Clip SMA
1,800 / 7" Plastic reel
E2
Clip SMA
7,500 / 13" Plastic reel
RATINGS AND CHATACTERISTICS CURVES
ORDERING INFORMATION
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSSA3U60
G
TSSA3U60 E3G
TSSA3U60
E3
G
Green compound
PART NO.
PACKING CODE
PREFERRED
PART NO.
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
EXAMPLE
0
1
2
3
4
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
5mm x 5mm PAD
PCB
0.1
1
10
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
10
100
1000
10000
0
1
10
100
REVERSE VOLTAGE (V)
FIG.4 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com