Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1069-6
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6 Datasheet(HTML) 7 Page - Linear Technology

  LTC1069-6 Datasheet HTML 1Page - Linear Technology LTC1069-6 Datasheet HTML 2Page - Linear Technology LTC1069-6 Datasheet HTML 3Page - Linear Technology LTC1069-6 Datasheet HTML 4Page - Linear Technology LTC1069-6 Datasheet HTML 5Page - Linear Technology LTC1069-6 Datasheet HTML 6Page - Linear Technology LTC1069-6 Datasheet HTML 7Page - Linear Technology LTC1069-6 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1069-6
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 4b
FREQUENCY (kHz)
1
1
2
17
1069-6 F04a
0
–1
–2
5
9
13
319
7
11
15
21
VS = SINGLE 5V
VIN = 1VRMS
fCLK = 750kHz
fCUTOFF = 15kHz
85
°C
–40
°C
Figure 4c
FREQUENCY (kHz)
1
1
2
25
1069-6 F04c
0
–1
–2
7
13
19
428
10
16
22
31
VS = ±5V
VIN = 1.5VRMS
fCLK = 1MHz
fCUTOFF = 20kHz
85
°C
–40
°C
APPLICATIONS INFORMATION
Clock Feedthrough
The clock feedthrough is defined as the RMS value of the
clock frequency and its harmonics that are present at the
filter’s Output (Pin 8). The clock feedthrough is tested with
the Input (Pin 4) shorted to AGND (Pin 1) and depends on
PC board layout and on the value of the power supplies.
With proper layout techniques the values of the clock
feedthrough are shown in Table 2.
Table 2. Clock Feedthrough
VS
CLOCK FEEDTHROUGH
3.3V
100
µVRMS
5V
170
µVRMS
10V
350
µVRMS
Any parasitic switching transients during the rising and
falling edges of the incoming clock are not part of the clock
feedthrough specifications. Switching transients have fre-
quency contents much higher than the applied clock; their
amplitude strongly depends on scope probing techniques
as well as grounding and power supply bypassing. The
clock feedthrough can be reduced by adding a single RC
lowpass filter at the Output (Pin 8).
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and determines the
operating signal-to-noise ratio. The frequency contents of
the wideband noise lie within the filter’s passband. The
wideband noise cannot be reduced by adding post filter-
ing. The total wideband noise is nearly independent of the
clock frequency and depends slightly on the power supply
voltage (see Table 3). The clock feedthrough specifica-
tions are not part of the wideband noise.
Table 3. Wideband Noise
VS
WIDEBAND NOISE
3.3V
118
µVRMS
5V
123
µVRMS
±5V
127
µVRMS
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and occurs for input frequencies approaching the
sampling frequency. The internal sampling frequency of
the LTC1069-6 is 100 times its cutoff frequency. For
instance, if a 98.5kHz, 100mVRMS signal is applied at the
input of an LTC1069-6 operating with a 50kHz clock, a
1.5kHz, 484
µVRMS alias signal will appear at the filter
output. Table 4 shows details.
Table 4. Aliasing (fCLK = 50kHz)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS)
(Relative to Input)
(Aliased Frequency)
(kHz)
(dB)
(kHz)
fCLK/fC = 50:1, fCUTOFF = 1kHz
96 (or 104)
–78.3
4.0
97 (or 103)
–70.4
3.0
98 (or 102)
– 80.6
2.0
98.5 (or 101.5)
– 46.3
1.5
99 (or 101)
– 2.8
1.0
99.5 (or 100.5)
– 1.38
0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com