Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 2 Page - Linear Technology

  LTC1069-7 Datasheet HTML 1Page - Linear Technology LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1069-7
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Total Supply Voltage (V + to V –) ............................. 12V
Power Dissipation ............................................. 400mW
Operating Temperature Range
LTC1069-7C ........................................... 0
°C to 70°C
LTC1069-7I ....................................... – 40
°C to 85°C
Storage Temperature ............................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1069-7CS8
LTC1069-7IS8
ORDER PART
NUMBER
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/25. The fCLK signal level is TTL or CMOS (max clock rise or
fall time
≤1µs), RL = 10k, TA = 25°C, unless otherwise specified. All AC gains are measured relative to the passband gain.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain (fIN ≤ 0.2fCUTOFF)VS = ±5V, fCLK = 2.5MHz
– 0.10
±0.75
dB
fTEST = 1kHz, VIN = 1VRMS
q
±0.90
dB
VS = 4.75V, fCLK = 500kHz
– 0.10
±0.75
dB
fTEST = 1kHz, VIN = 0.5VRMS
q
±0.90
dB
Gain at 0.25fCUTOFF
VS = ±5V, fCLK = 2.5MHz
– 0.30
dB
fTEST = 25kHz, VIN = 1VRMS
q
– 0.55
– 0.1
dB
VS = 4.75V, fCLK = 500kHz
– 0.05
dB
fTEST = 5kHz, VIN = 0.5VRMS
q
– 0.30
0.15
dB
Gain at 0.50fCUTOFF
VS = ±5V, fCLK = 2.5MHz
– 1.0
dB
fTEST = 50kHz, VIN = 1VRMS
q
– 1.40
– 0.35
dB
VS = 4.75V, fCLK = 500kHz
– 0.30
dB
fTEST = 10kHz, VIN = 0.5VRMS
q
– 0.60
0
dB
Gain at 0.75fCUTOFF
VS = ±5V, fCLK = 2.5MHz
– 1.65
dB
fTEST = 75kHz, VIN = 1VRMS
q
– 2.1
– 0.80
dB
VS = 4.75V, fCLK = 500kHz
– 0.75
dB
fTEST = 15kHz, VIN = 0.5VRMS
q
– 1.15
– 0.25
dB
Gain at fCUTOFF
VS = ±5V, fCLK = 2.5MHz
– 3.5
dB
fTEST = 100kHz, VIN = 1VRMS
q
– 4.0
– 2.7
dB
VS = 4.75V, fCLK = 500kHz
– 2.9
dB
fTEST = 20kHz, VIN = 0.5VRMS
q
– 3.3
– 2.4
dB
Gain at 1.5fCUTOFF
VS = ±5V, fCLK = 2.5MHz
– 16.5
dB
fTEST = 150kHz, VIN = 1VRMS
q
–19
– 14
dB
VS = 4.75V, fCLK = 500kHz
– 18.1
dB
fTEST = 30kHz, VIN = 0.5VRMS
q
–20
– 17
dB
Gain at 2.0fCUTOFF
VS = ±5V, fCLK = 2.5MHz
– 43
dB
fTEST = 200kHz, VIN = 1VRMS
q
– 55
– 38
dB
VS = 4.75V, fCLK = 500kHz
– 41
dB
fTEST = 40kHz, VIN = 0.5VRMS
q
– 48
– 39
dB
S8 PART MARKING
10697
10697I
TJMAX = 125°C, θJA = 110°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com