Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7C Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1069-7C
Description  Linear Phase 8th Order Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7C Datasheet(HTML) 8 Page - Linear Technology

  LTC1069-7C Datasheet HTML 1Page - Linear Technology LTC1069-7C Datasheet HTML 2Page - Linear Technology LTC1069-7C Datasheet HTML 3Page - Linear Technology LTC1069-7C Datasheet HTML 4Page - Linear Technology LTC1069-7C Datasheet HTML 5Page - Linear Technology LTC1069-7C Datasheet HTML 6Page - Linear Technology LTC1069-7C Datasheet HTML 7Page - Linear Technology LTC1069-7C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1069-7
10697f LT/TP 0697 7K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
Clock Tunable, Noninverting, Linear Phase 8th Order Filter to 200kHz fCUTOFF
AGND
V+
NC
VIN
VIN
VOUT
V–
NC
CLK
LTC1069-7
fCLK ≤ 5MHz
0.1
µF
1069-7 TA03
+
–
VOUT
LT
®1354
5V
0.1
µF
–5V
1
µF
10k
5V
–5V
10k
51pF
0.1
µF
0.1
µF
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1064-3
Linear Phase, Bessel 8th Order Filter
fCLK/fC = 75/1 or 150/1, Very Low Noise
LTC1064-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fC = 50/1 or 100/1, fC(MAX) = 100kHz
LTC1164-7
Low Power, Linear Phase Lowpass Filter
fCLK/fC = 50/1 or 100/1, IS = 2.5mA, VS = 5V
LTC1264-7
Linear Phase 8th Order Lowpass Filter
fCLK/fC = 25/1 or 50/1, fC(MAX) = 200kHz
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com