Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1090AM Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1090AM
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090AM Datasheet(HTML) 2 Page - Linear Technology

  LTC1090AM Datasheet HTML 1Page - Linear Technology LTC1090AM Datasheet HTML 2Page - Linear Technology LTC1090AM Datasheet HTML 3Page - Linear Technology LTC1090AM Datasheet HTML 4Page - Linear Technology LTC1090AM Datasheet HTML 5Page - Linear Technology LTC1090AM Datasheet HTML 6Page - Linear Technology LTC1090AM Datasheet HTML 7Page - Linear Technology LTC1090AM Datasheet HTML 8Page - Linear Technology LTC1090AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1090
1090fc
ABSOLUTE
AXI U
RATI GS
Supply Voltage (VCC) to GND or V – ................................ 12V
Negative Supply Voltage (V –) ..................... – 6V to GND
Voltage:
Analog and Reference
Inputs .................................... (V –) –0.3V to VCC 0.3V
Digital Inputs ......................................... –0.3V to 12V
Digital Outputs .............................. – 0.3V to VCC 0.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1090AC/LTC1090C ........................–40°C to 85°C
LTC1090AM/LTC1090M (OBSOLETE) ...... –55°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
(Notes 1 and 2)
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
RECO
E DED OPERATI G CO DITIO S
LTC1090/LTC1090A
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VCC
Positive Supply Voltage
V– = 0V
4.5
10
V
V–
Negative Supply Voltage
VCC = 5V
– 5.5
0
V
fSCLK
Shift Clock Frequency
VCC = 5V
0
1.0
MHz
fACLK
A/D Clock Frequency
VCC = 5V
25°C
0.01
2.0
MHz
85°C
0.05
2.0
125°C
0.25
2.0
tCYC
Total Cycle Time
See Operating Sequence
10 SCLK +
Cycles
48 ACLK
thCS
Hold Time, CS Low After Last SCLK↓
VCC = 5V
0
ns
thDI
Hold Time, DIN After SCLK↑
VCC = 5V
150
ns
tsuCS
Setup Time CS
↓ Before Clocking in First Address Bit (Note 9)
VCC = 5V
2 ACLK Cycles
1µs
tsuDI
Setup Time, DIN Stable Before SCLK↑
VCC = 5V
400
ns
tWHACLK
ACLK High Time
VCC = 5V
127
ns
tWLACLK
ACLK Low Time
VCC = 5V
200
ns
tWHCS
CS High Time During Conversion
VCC = 5V
44
ACLK
Cycles
OBSOLETE PACKAGE
Consider the SW or N Package for Alternate Source
1
2
3
4
5
6
7
8
9
10
TOP VIEW
J PACKAGE
20-LEAD CERDIP
TJMAX = 150°C θJA = 70° C/W
SW PACKAGE
20-LEAD PLASTIC SO WIDE
N PACKAGE
20-LEAD PDIP
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V –
AGND
LTC1090ACN
LTC1090CN
LTC1090CSW
LTC1090AMJ
LTC1090MJ
LTC1090ACJ
LTC1090CJ
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 70°C/W
TJMAX = 110°C, θJA = 90°C/W
LTC1090 • POI01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com