Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1092AC Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1092AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1092AC Datasheet(HTML) 2 Page - Linear Technology

  LTC1092AC Datasheet HTML 1Page - Linear Technology LTC1092AC Datasheet HTML 2Page - Linear Technology LTC1092AC Datasheet HTML 3Page - Linear Technology LTC1092AC Datasheet HTML 4Page - Linear Technology LTC1092AC Datasheet HTML 5Page - Linear Technology LTC1092AC Datasheet HTML 6Page - Linear Technology LTC1092AC Datasheet HTML 7Page - Linear Technology LTC1092AC Datasheet HTML 8Page - Linear Technology LTC1092AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC1091/LTC1092
LTC1093/LTC1094
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1091ACN8
LTC1091CN8
1
2
3
4
8
7
6
5
TOP VIEW
CS
+IN
–IN
GND
VCC
CLK
DOUT
VREF
N8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 150°C/W (N)
LTC1092ACN8
LTC1092CN8
1
2
3
4
8
7
6
5
TOP VIEW
CS
CH0
CH1
GND
VCC (VREF)
CLK
DOUT
DIN
N8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 150°C/W (N)
LTC1093ACN
LTC1093CN
LTC1093CSW
1
2
3
4
5
6
7
8
9
10
TOP VIEW
N PACKAGE
20-LEAD PDIP
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V –
LTC1094ACN
LTC1094CN
REDUCED SPAN
CONVERSION MODES
CAPABILITY
±5V
PART NUMBER
#CHANNELS
UNIPOLAR
BIPOLAR
(SEPARATE VREF)
CAPABILITY
LTC1091
2
q
Pin-for-Pin 10-Bit Upgrade of ADC0832
LTC1092
1
qq
Pin-for-Pin 10-Bit Upgrade of ADC0831
LTC1093
6
qq
q
q
LTC1094
8
qq
q
q
PRODUCT GUIDE
TJMAX = 110°C, θJA = 150°C/W (N)
TJMAX = 110°C, θJA = 130°C/W (SW)
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
CH0
CH1
CH2
CH3
CH4
CH5
COM
DGND
VCC
CLK
CS
DOUT
DIN
VREF
AGND
V –
TJMAX = 110°C, θJA = 150°C/W (N)
Supply Voltage (VCC) to GND or V – ........................ 12V
Negative Supply Voltage (V –) .................... – 6V to GND
Voltage
Analog Reference and LTC1091/2 CS
Inputs ................................. (V–) – 0.3V to (VCC + 0.3V)
Digital Inputs (except LTC1091/2 CS) .. – 0.3V to 12V
Digital Outputs ........................ – 0.3V to (VCC + 0.3V)
A
G
A
U
A
R
BSOLUTEXI
TI
S
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1091/2/3/4AC, LTC1091/2/3/4C..... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
(Notes 1, 2)
Consult factory for Industrial and Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com