Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1093AC Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1093AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093AC Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1093AC Datasheet HTML 13Page - Linear Technology LTC1093AC Datasheet HTML 14Page - Linear Technology LTC1093AC Datasheet HTML 15Page - Linear Technology LTC1093AC Datasheet HTML 16Page - Linear Technology LTC1093AC Datasheet HTML 17Page - Linear Technology LTC1093AC Datasheet HTML 18Page - Linear Technology LTC1093AC Datasheet HTML 19Page - Linear Technology LTC1093AC Datasheet HTML 20Page - Linear Technology LTC1093AC Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
I FOR ATIO
MICROWIRE is a trademark of National Semiconductor Corp.
Table 1. Microprocessors with Hardware Serial Interfaces
Compatible with the LTC1091/LTC1092/LTC1093/LTC1094
PART NUMBER
TYPE OF INTERFACE
Motorola
MC6805S2, S3
SPI
MC68HC11
SPI
MC68HC05
SPI
RCA
CDP68HC05
SPI
Hitachi
HD6305
SCI Synchronous
HD63705
SCI Synchronous
HD6301
SCI Synchronous
HD63701
SCI Synchronous
HD6303
SCI Synchronous
HD64180
CSI/O
National Semiconductor
COP400 Family
MICROWIRE
TM
COP800 Family
MICROWIRE/PLUS
NS8050U
MICROWIRE/PLUS
HPC16000 Family
MICROWIRE/PLUS
Texas Instruments
TMS7002
Serial Port
TMS7042
Serial Port
TMS70C02
Serial Port
TMS70C42
Serial Port
TMS32011*
Serial Port
TMS32020
Serial Port
*Requires external hardware
5. Microprocessor Interfaces
The LTC1091/LTC1092/LTC1093/LTC1094 can interface
directly (without external hardware) to most popular
microprocessor (MPU) synchronous serial formats (see
Table 1). If an MPU without a dedicated serial port is used,
then three or four of the MPU’s parallel port lines can be
programmed to form the serial link to the LTC1091/
LTC1092/LTC1093/LTC1094. Included here are one serial
interface example and one example showing a parallel port
programmed to form the serial interface.
1091/2/3/4 F02
CLK
START
MSBF
B9
B8
• • •
PROCESSOR
MUST RELEASE
DATA LINE AFTER 4TH
RISING CLK AND BEFORE
THE 4TH FALLING CLK
MPU CONTROLS
DATA LINE AND SENDS
MUX ADDRESS TO LTC1091
LTC1091 TAKES CONTROL OF DATA LINE
ON 4TH FALLING CLK
SGL/
DIFF
ODD/
SIGN
CS
DATA (DIN/DOUT)
12
MSBF
LATCHED
BY LTC1091
34
LTC1091 CONTROLS
DATA LINE AND SENDS
A/D RESULT BACK TO MPU
Figure 2. LTC1091 Operation with DIN and DOUT Tied Together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com