Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1144C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1144C
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144C Datasheet(HTML) 2 Page - Linear Technology

  LTC1144C Datasheet HTML 1Page - Linear Technology LTC1144C Datasheet HTML 2Page - Linear Technology LTC1144C Datasheet HTML 3Page - Linear Technology LTC1144C Datasheet HTML 4Page - Linear Technology LTC1144C Datasheet HTML 5Page - Linear Technology LTC1144C Datasheet HTML 6Page - Linear Technology LTC1144C Datasheet HTML 7Page - Linear Technology LTC1144C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1144
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Note 1)
Supply Voltage (V +) (Transient) .............................. 20V
Supply Voltage (V+) (Operating) ............................. 18V
Input Voltage on Pins 1, 6, 7
(Note 2) ............................ – 0.3V < VIN < (V
+) + 0.3V
Output Short-Circuit Duration
V +
≤ 10V .................................................... Indefinite
V +
≤ 15V ........................................................ 30 sec
V +
≤ 20V ............................................. Not Protected
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1144C ................................................ 0
°C to 70°C
LTC1144I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
TOP VIEW
1
2
3
4
8
7
6
5
BOOST
CAP+
GND
CAP–
V+
OSC
SHDN
VOUT
S8 PACKAGE
8-LEAD PLASTIC SOIC
T JMAX = 110°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
TOP VIEW
BOOST
CAP+
GND
CAP–
V+
OSC
SHDN
VOUT
N8 PACKAGE
8-LEAD PLASTIC DIP
T JMAX = 110°C, θJA = 100°C/W
S8 PART MARKING
1144
1144I
LTC1144CS8
LTC1144IS8
LTC1144CN8
LTC1144IN8
ORDER PART
NUMBER
Consult factory for Military grade parts.
The q denotes specifications which apply over the full operating
temperature range; all other limits and typicals at TA = 25°C.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Connecting any input terminal to voltages greater than V + or less
than ground may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to
power-up of the LTC1144.
Note 3: fOSC is tested with COSC = 100pF to minimize the effects of test
fixture capacitance loading. The 0pF frequency is correlated to this 100pF
test point, and is intended to simulate the capacitance at pin 7 when the
device is plugged into a test socket and no external capacitor is used.
LTC1144C
LTC1144I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Supply Voltage Range
RL = 10k
q
2
18
2
18
V
IS
Supply Current
RL = ∞, Pins 1, 6 No Connection,
1.1
1.1
mA
fOSC = 10kHz
q
1.3
1.6
mA
SHDN = 0V, RL = ∞, Pins 1, 7
q
0.008
0.03
0.008
0.035
mA
No Connection
V + = 5V, RL = ∞, Pins 1, 6
0.10
0.10
mA
No Connection, fOSC = 4kHz
q
0.13
0.15
mA
V + = 5V, SHDN = 0V, RL = ∞,
q
0.002
0.015
0.002
0.018
mA
Pins 1, 7 No Connection
ROUT
Output Resistance
V + = 15V, IL = 20mA at 10kHz
56
100
56
100
Ω
q
120
140
Ω
V + = 5V, IL = 3mA at 4kHz
q
90
250
90
300
Ω
fOSC
Oscillator Frequency
V + = 15V (Note 3)
10
10
kHz
V + = 5V
4
4
kHz
Power Efficiency
RL = 2k at 10kHz
q
90
93
90
93
%
Voltage Conversion Efficiency
RL = ∞
q
97.0
99.9
97.0
99.9
%
Oscillator Sink or Source Current
V + = 5V (VOSC = 0V to 5V)
0.5
0.5
µA
V + = 15V (VOSC = 0V to 15V)
4
4
µA
ELECTRICAL C
C
HARA TERISTICS
V + = 15V, COSC = 0pF, TA = 25°C, Test Circuit Figure 1, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com