Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1KSMB Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1KSMB
Description  1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1KSMB Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1KSMB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1KSMB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1KSMB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1KSMB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1KSMB Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1KSMB Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Built-in strain relief
- Excellent clamping capability
- Halogen-free according to IEC 61249-2-21 definition
- AEC-Q101 qualified
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
PPK
Watts
PD
Watts
TJ
°C
TSTG
°C
Note 2: VF=3.5V for Devices of VBR≦50V and VF=5.0V Max. for Devices VBR>50V
1. For Bidirectional use CA suffix
Document Number: DS_D1408012
Version: E15
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25°C Per Fig. 2
Devices for Bipolar Applications
Typical thermal resistance
RθJL
RθJA
20
100
oC/W
Operating junction temperature range
A
Maximum instantaneous forward voltage at 50 A for
Unidirectional only (Note 2)
VF
3.5 / 5.0
Volts
Storage temperature range
- 55 to +175
Peak power dissipation at TA=25°C, tp=1ms (Note 1)
1000
Steady state power dissipation
5
- 55 to +175
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
Case:
DO-214AA (SMB)
Polarity:
Indicated by cathode band
Weight:
0.11 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
ORDER INFORMATION (EXAMPLE)
1KSMB SERIES
Taiwan Semiconductor
1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
FEATURES
- Fast response time: Typically less than
1.0ps from 0 volt to BV min
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AA (SMB)
MECHANICAL DATA
1KSMB39A R5G
Green compound code
Packing code
Part no.


Similar Part No. - 1KSMB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMB LITTELFUSE-1KSMB Datasheet
134Kb / 5P
Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
1KSMB YINT-1KSMB Datasheet
494Kb / 4P
Transient Voltage Suppression Diodes
logo
Littelfuse
1KSMB100A LITTELFUSE-1KSMB100A Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
1KSMB100A LITTELFUSE-1KSMB100A Datasheet
3Mb / 146P
TVS Diode Products
1KSMB100CA LITTELFUSE-1KSMB100CA Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
More results

Similar Description - 1KSMB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
PGSMAJ10A TSC-PGSMAJ10A Datasheet
213Kb / 6P
400W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
1000W Surface Mount Transient Voltage Suppressor
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
TLD6S10AH TSC-TLD6S10AH Datasheet
353Kb / 5P
4600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
SMDJH TSC-SMDJH Datasheet
457Kb / 6P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ TSC-SMDJ Datasheet
456Kb / 6P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
10BJ LEIDITECH-10BJ Datasheet
745Kb / 6P
1000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com