Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1765 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1765
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765 Datasheet(HTML) 2 Page - Linear Technology

  LT1765_15 Datasheet HTML 1Page - Linear Technology LT1765_15 Datasheet HTML 2Page - Linear Technology LT1765_15 Datasheet HTML 3Page - Linear Technology LT1765_15 Datasheet HTML 4Page - Linear Technology LT1765_15 Datasheet HTML 5Page - Linear Technology LT1765_15 Datasheet HTML 6Page - Linear Technology LT1765_15 Datasheet HTML 7Page - Linear Technology LT1765_15 Datasheet HTML 8Page - Linear Technology LT1765_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
2
1765fd
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................... 25V
BOOST Pin Above SW ............................................. 20V
Max BOOST Pin Voltage............................................35V
SHDN Pin................................................................. 25V
FB Pin Current......................................................... 1mA
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
BOOST
VIN
VIN
SW
SW
NC
GND
GND
NC
SYNC
VC
FB
SHDN
NC
GND
17
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) SOLDERED TO LARGE COPPER PLANE
TOP VIEW
SYNC
VC
FB
SHDN
BOOST
VIN
SW
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 125°C, θJA = 90°C/W, θJC(PIN 4) = 30°C/W
GROUND PIN CONNECTED TO LARGE COPPER AREA
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1765EFE#PBF
LT1765EFE#TRPBF
1765EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-1.8#PBF
LT1765EFE-1.8#TRPBF
1765EFE-1.8
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-2.5#PBF
LT1765EFE-2.5#TRPBF
1765EFE-2.5
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-3.3#PBF
LT1765EFE-3.3#TRPBF
1765EFE-3.3
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-5#PBF
LT1765EFE-5#TRPBF
1765EFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765ES8#PBF
LT1765ES8#TRPBF
1765
8-Lead Plastic SO
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1765EFE
LT1765EFE#TR
1765EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-1.8
LT1765EFE-1.8#TR
1765EFE-1.8
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-2.5
LT1765EFE-2.5#TR
1765EFE-2.5
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-3.3
LT1765EFE-3.3#TR
1765EFE-3.3
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765EFE-5
LT1765EFE-5#TR
1765EFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
LT1765ES8
LT1765ES8#TR
1765
8-Lead Plastic SO
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYNC Pin Current ................................................... 1mA
Operating Junction Temperature Range
(Note 2)................................................. –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com