Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1163 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1163
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1163 Datasheet(HTML) 3 Page - Linear Technology

  LTC1163 Datasheet HTML 1Page - Linear Technology LTC1163 Datasheet HTML 2Page - Linear Technology LTC1163 Datasheet HTML 3Page - Linear Technology LTC1163 Datasheet HTML 4Page - Linear Technology LTC1163 Datasheet HTML 5Page - Linear Technology LTC1163 Datasheet HTML 6Page - Linear Technology LTC1163 Datasheet HTML 7Page - Linear Technology LTC1163 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1163/LTC1165
ELECTRICAL C
C
HARA TERISTICS V
S = 1.8V to 6V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF
Turn-OFF Time
VS = 3.3V, CGATE = 1000pF
Time for VGATE < 0.5V
20
65
200
µs
VS = 5V, CGATE = 1000pF
Time for VGATE < 0.5V
15
45
150
µs
LTC1163C/LTC1165C
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Quiescent current OFF is for all channels in OFF condition.
Note 2: LTC1163: VOFF = 0V, VON = VS. LTC1165: VOFF = VS, VON = 0V
Note 3: Quiescent current ON is per driver and is measured independently.
Gate Voltage Above Supply
Supply Current per Driver ON
Standby Supply Current
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
SUPPLY VOLTAGE (V)
0
5
4
3
2
1
0
–1
1
23
4
LTC1163/65 • TPC01
56
TA = 25°C
ALL THREE INPUTS = OFF
SUPPLY VOLTAGE (V)
0
12
10
8
6
4
2
0
1
23
4
LTC1163/65 • TPC03
56
TA = 25°C
SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
1
23
4
LTC1163/65 • TPC02
56
TA = 25°C
ONE INPUT = ON
OTHER INPUTS = OFF
Input Threshold Voltage
Turn-ON Time
Turn-OFF Time
SUPPLY VOLTAGE (V)
0
6
5
4
3
2
1
0
1
23
4
LTC1163/65 •TPC04
56
TA = 25°C
VHI
VLO
SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
1
23
4
LTC1163/65 • TPC05
56
CGATE = 1000pF
VGS = 2V
VGS = 1V
SUPPLY VOLTAGE (V)
0
300
250
200
150
100
50
0
1
23
4
LTC1163/65 • TA06
56
CGATE = 1000pF
TIME FOR VGATE < 0.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com