Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1777
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777 Datasheet(HTML) 2 Page - Linear Technology

  LT1777_15 Datasheet HTML 1Page - Linear Technology LT1777_15 Datasheet HTML 2Page - Linear Technology LT1777_15 Datasheet HTML 3Page - Linear Technology LT1777_15 Datasheet HTML 4Page - Linear Technology LT1777_15 Datasheet HTML 5Page - Linear Technology LT1777_15 Datasheet HTML 6Page - Linear Technology LT1777_15 Datasheet HTML 7Page - Linear Technology LT1777_15 Datasheet HTML 8Page - Linear Technology LT1777_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1777
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage ....................................................... 48V
Switch Voltage (VIN – VSW) (Note 4) ...................... 51V
SHDN, SYNC Pin Voltage .......................................... 7V
VCC Pin Voltage ...................................................... 30V
FB Pin Voltage ........................................................ 3.0V
Operating Junction Temperature Range
LT1777C ............................................... 0
°C to 125°C
LT1777I ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND*
NC
SHDN
VCC
VD
VSW
SGND
GND*
GND*
NC
VC
FB
SYNC
NC
VIN
GND*
TJMAX = 125°C, θJA = 50°C/W*
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 24V, VSW Open, VCC = 5V, VC = 1.4V unless otherwise noted.
ORDER PART
NUMBER
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VIN(MIN)
Minimum Input Voltage
6.7
7.0
V
q
7.4
V
IVIN
VIN Supply Current
VC = 0V
620
800
µA
q
900
µA
IVCC
VCC Supply Current
VC = 0V
2.5
3.5
mA
q
4.5
mA
VVCC
VCC Dropout Voltage
(Note 2)
q
2.8
3.1
V
Shutdown Mode IVIN
VSHDN = 0V
30
50
µA
q
75
µA
Feedback Amplifier
VREF
Reference Voltage
1.225
1.240
1.255
V
q
1.215
1.265
V
IIN
FB Pin Input Bias Current
600
1500
nA
gm
Feedback Amplifier Transconductance
∆IC = ±10µA
400
650
1000
µmho
q
200
1500
µmho
ISRC, ISNK
Feedback Amplifier Source or Sink Current
60
100
170
µA
q
45
220
µA
VCL
Feedback Amplifier Clamp Voltage
2.0
V
Reference Voltage Line Regulation
12V
≤ VIN ≤ 48V
q
0.01
%/V
Voltage Gain
200
600
V/V
*FOUR CORNER PINS ARE
FUSED TO INTERNAL DIE
ATTACH PADDLE FOR HEAT
SINKING. CONNECT THESE
FOUR PINS TO EXPANDED PC
LANDS FOR PROPER HEAT
SINKING.
LT1777CS
LT1777IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com