Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1994 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1994
Description  Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1994 Datasheet(HTML) 2 Page - Linear Technology

  LT1994_15 Datasheet HTML 1Page - Linear Technology LT1994_15 Datasheet HTML 2Page - Linear Technology LT1994_15 Datasheet HTML 3Page - Linear Technology LT1994_15 Datasheet HTML 4Page - Linear Technology LT1994_15 Datasheet HTML 5Page - Linear Technology LT1994_15 Datasheet HTML 6Page - Linear Technology LT1994_15 Datasheet HTML 7Page - Linear Technology LT1994_15 Datasheet HTML 8Page - Linear Technology LT1994_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1994
2
1994fb
Total Supply Voltage (V+ to V–) ..............................12.6V
Input Voltage (Note 2)............................................... ±VS
Input Current (Note 2)..........................................±10mA
Input Current (VOCM, SHDN)................................±10mA
VOCM, SHDN..............................................................±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)
LT1994C............................................... –40°C to 85°C
LT1994I................................................ –40°C to 85°C
LT1994H ............................................ –40°C to 125°C
LT1994MP.......................................... –55°C to 125°C
Specified Temperature Range (Note 5)
LT1994C................................................... 0°C to 70°C
LT1994I................................................ –40°C to 85°C
LT1994H ............................................ –40°C to 125°C
LT1994MP.......................................... –55°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1994CDD#PBF
LT1994CDD#TRPBF
LBQM
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT1994IDD#PBF
LT1994IDD#TRPBF
LBQM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT1994HDD#PBF
LT1994HDD#TRPBF
LBQM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1994MPDD#PBF
LT1994MPDD#TRPBF
LDXQ
8-Lead (3mm
× 3mm) Plastic DFN
–55°C to 125°C
LT1994CMS8#PBF
LT1994CMS8#TRPBF
LTBQN
8-Lead Plastic MSOP
0°C to 70°C
LT1994IMS8#PBF
LT1994IMS8#TRPBF
LTBQN
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
IN–
VOCM
V+
OUT+
IN+
SHDN
V–
OUT–
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO V–
1
2
3
4
IN–
VOCM
V+
OUT+
8
7
6
5
IN+
SHDN
V–
OUT–
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 140°C/W
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com