Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3028 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology LT3028 Datasheet HTML 11Page - Linear Technology LT3028 Datasheet HTML 12Page - Linear Technology LT3028 Datasheet HTML 13Page - Linear Technology LT3028 Datasheet HTML 14Page - Linear Technology LT3028 Datasheet HTML 15Page - Linear Technology LT3028 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3028
3028f
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or
microphone works. For a ceramic capacitor the stress
can be induced by vibrations in the system or thermal
transients. The resulting voltages produced can cause
appreciable amounts of noise, especially when a ceramic
capacitor is used for noise bypassing. A ceramic capaci-
tor produced Figure 6’s trace in response to light tapping
from a pencil. Similar vibration induced behavior can
masquerade as increased output voltage noise.
APPLICATIO S I FOR ATIO
For continuous normal conditions, the maximum junction
temperature rating of 125°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. FE Package, 16-Lead TSSOP
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
38°C/W
1000mm
2
2500mm
2
2500mm
2
43°C/W
225mm
2
2500mm
2
2500mm
2
48°C/W
100mm
2
2500mm
2
2500mm
2
60°C/W
*Device is mounted on topside.
Table 2. DHC Package, 16-Lead DFN
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
40°C/W
1000mm
2
2500mm
2
2500mm
2
45°C/W
225mm
2
2500mm
2
2500mm
2
50°C/W
100mm
2
2500mm
2
2500mm
2
62°C/W
*Device is mounted on topside.
The thermal resistance junction-to-case (θJC), measured
at the Exposed Pad on the back of the die is 10°C/W for the
DFN package and 8°C/W for the TSSOP package.
Calculating Junction Temperature
Example: Given Output 1 set for an output voltage of 3.3V,
Output 2 set for an output voltage of 2.5V, an input voltage
range of 3.8V to 5V, an output current range of 0mA to
500mA for Output 1, an output current range of 0mA to
100mA for Output 2 and a maximum ambient temperature
of 50°C, what will the maximum junction temperature be?
100ms/DIV
3028 F05
VOUT
500µV/DIV
Figure 6. Noise Resulting from Tapping on a Ceramic Capacitor
COUT = 10µF
CBYP = 0.01µF
ILOAD = 100mA
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C). The
power dissipated by the device will be made up of two
components for each output:
1. Output current multiplied by the input/output voltage
differential: (IOUT)(VIN – VOUT), and
2. GND pin current multiplied by the input voltage:
(IGND)(VIN).
The ground pin current can be found by examining the
GND Pin Current curves in the Typical Performance Char-
acteristics section. Power dissipation will be equal to the
sum of the two components listed above.
The LT3028 regulator has internal thermal limiting de-
signed to protect the device during overload conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com