Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3480 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3480
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480 Datasheet(HTML) 2 Page - Linear Technology

  LT3480_15 Datasheet HTML 1Page - Linear Technology LT3480_15 Datasheet HTML 2Page - Linear Technology LT3480_15 Datasheet HTML 3Page - Linear Technology LT3480_15 Datasheet HTML 4Page - Linear Technology LT3480_15 Datasheet HTML 5Page - Linear Technology LT3480_15 Datasheet HTML 6Page - Linear Technology LT3480_15 Datasheet HTML 7Page - Linear Technology LT3480_15 Datasheet HTML 8Page - Linear Technology LT3480_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3480
2
3480fe
For more information www.linear.com/LT3480
ABSOLUTE MAXIMUM RATINGS
VIN, RUN/SS Voltage (Note 5)...................................60V
BOOST Pin Voltage ...................................................56V
BOOST Pin Above SW Pin.........................................30V
FB, RT, VC Voltage .......................................................5V
PG, BD, SYNC Voltage ..............................................30V
Operating Junction Temperature Range (Note 2)
LT3480E............................................. –40°C to 125°C
LT3480I.............................................. –40°C to 125°C
LT3480H ............................................ –40°C to 150°C
LT3480MP.......................................... –55°C to 150°C
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
11
2
1
RT
VC
FB
PG
SYNC
BD
BOOST
SW
VIN
RUN/SS
JA = 45°C/W, JC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BD
BOOST
SW
VIN
RUN/SS
10
9
8
7
6
RT
VC
FB
PG
SYNC
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
JA = 45°C/W, JC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3480EDD#PBF
LT3480EDD#TRPBF
LCTP
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3480IDD#PBF
LT3480IDD#TRPBF
LCTP
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3480EMSE#PBF
LT3480EMSE#TRPBF
LTCTM
10-Lead Plastic MSOP
–40°C to 125°C
LT3480IMSE#PBF
LT3480IMSE#TRPBF
LTCTM
10-Lead Plastic MSOP
–40°C to 125°C
LT3480HMSE#PBF
LT3480HMSE#TRPBF
LTCTM
10-Lead Plastic MSOP
–40°C to 150°C
LT3480MPMSE#PBF
LT3480MPMSE#TRPBF
LTCTM
10-Lead Plastic MSOP
–55°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3480EDD
LT3480EDD#TR
LCTP
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3480IDD
LT3480IDD#TR
LCTP
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3480EMSE
LT3480EMSE#TR
LTCTM
10-Lead Plastic MSOP
–40°C to 125°C
LT3480IMSE
LT3480IMSE#TR
LTCTM
10-Lead Plastic MSOP
–40°C to 125°C
LT3480HMSE
LT3480HMSE#TR
LTCTM
10-Lead Plastic MSOP
–40°C to 150°C
LT3480MPMSE
LT3480MPMSE#TR
LTCTM
10-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ....................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com