Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3493 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3493
Description  1.2A, 750kHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493 Datasheet(HTML) 2 Page - Linear Technology

  LT3493_15 Datasheet HTML 1Page - Linear Technology LT3493_15 Datasheet HTML 2Page - Linear Technology LT3493_15 Datasheet HTML 3Page - Linear Technology LT3493_15 Datasheet HTML 4Page - Linear Technology LT3493_15 Datasheet HTML 5Page - Linear Technology LT3493_15 Datasheet HTML 6Page - Linear Technology LT3493_15 Datasheet HTML 7Page - Linear Technology LT3493_15 Datasheet HTML 8Page - Linear Technology LT3493_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3493
2
3493fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TOP VIEW
SHDN
VIN
SW
FB
GND
BOOST
DCB PACKAGE
6-LEAD (2mm
3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3493EDCB#PBF
LT3493EDCB#TRPBF
LCGG
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LT3493IDCB#PBF
LT3493IDCB#TRPBF
LCGH
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3493EDCB
LT3493EDCB#TR
LCGG
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LT3493IDCB
LT3493IDCB#TR
LCGH
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Voltage (VIN)....................................................40V
BOOST Pin Voltage ..................................................50V
BOOST Pin Above SW Pin.........................................25V
SHDN Pin..................................................................40V
FB Voltage...................................................................6V
Operating Temperature Range (Note 2)
LT3493E .............................................. –40°C to 85°C
LT3493I ............................................. –40°C to 125°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 150°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
3.6
36
V
Undervoltage Lockout
3.1
3.4
3.6
V
Feedback Voltage
l
765
780
795
mV
FB Pin Bias Current
VFB = Measured VREF + 10mV (Note 4)
l
50
150
nA
Quiescent Current
Not Switching
1.9
2.5
mA
Quiescent Current in Shutdown
VSHDN = 0V
0.01
2
μA
Reference Line Regulation
VIN = 5V to 36V
0.007
%/V
Switching Frequency
VFB = 0.7V
VFB = 0V
685
750
36
815
kHz
kHz
Maximum Duty Cycle
TA = 25°C
l
88
91
95
95
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com