Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3498 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3498
Description  20mA LED Driver and OLED Driver with Integrated Schottky
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3498 Datasheet(HTML) 2 Page - Linear Technology

  LT3498_15 Datasheet HTML 1Page - Linear Technology LT3498_15 Datasheet HTML 2Page - Linear Technology LT3498_15 Datasheet HTML 3Page - Linear Technology LT3498_15 Datasheet HTML 4Page - Linear Technology LT3498_15 Datasheet HTML 5Page - Linear Technology LT3498_15 Datasheet HTML 6Page - Linear Technology LT3498_15 Datasheet HTML 7Page - Linear Technology LT3498_15 Datasheet HTML 8Page - Linear Technology LT3498_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3498
2
3498fa
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)....................................................12V
CTRL1 and CTRL2 Voltage........................................12V
FB2 Voltage..............................................................2.5V
VOUT2 Voltage ...........................................................32V
SW1 and SW2 Voltage ..............................................32V
CAP1 and CAP2 Voltage............................................32V
LED1 Voltage ............................................................32V
Operating Junction Temperature Range ...–40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range...................–65°C to 150°C
(Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
12
V
Supply Current (LED Off, OLED Off)
VIN = 3V, VCTRL1 = 0V, VCTRL2 = 0V
810
μA
Supply Current (LED On, OLED Off)
VIN = 3V, VCTRL1 = 3V, VCTRL2 = 0V, VCAP1 = 24V, VLED1
= 23V
1.6
2
mA
Supply Current (LED Off, OLED On)
VIN = 3V, VCTRL1 = 0V, VCTRL2 = 3V, VFB2 = 3V
230
280
μA
Supply Current (LED On, OLED On)
VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, VCAP1 = 24V, VLED1
= 23V
1.65
2.05
mA
VCTRL1 for Full LED Current
VCTRL2 for Full OLED Brightness
●
1.5
V
VCTRL1 or VCTRL2 to Turn On IC
●
125
mV
VCTRL1 and VCTRL2 to Shut Down IC
●
75
mV
CTRL1, CTRL2 Pin Bias Current
100
nA
LED Driver
LED Current Sense Voltage (VCAP – VLED)VCAP1 = 24V, ISW = 200mA
●
190
200
210
mV
CAP1, LED1 Pin Bias Current
VCAP1 = 16V, VLED1 = 16V
20
30
μA
TOP VIEW
13
DDB PACKAGE
12-LEAD (3mm × 2mm) PLASTIC DFN
LED1
CTRL1
GND1
GND2
CTRL2
FB2
CAP1
SW1
VIN
SW2
CAP2
VOUT2
8
7
10
9
11
12
5
6
4
2
3
1
TJMAX = 125°C, θJA = 160°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, VCTRL1 = VCTRL2 = 3V.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3498EDDB#PBF
LT3498EDDB#TRPBF
LCQF
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com