Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1159CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1159CS Datasheet HTML 12Page - Linear Technology LTC1159CS Datasheet HTML 13Page - Linear Technology LTC1159CS Datasheet HTML 14Page - Linear Technology LTC1159CS Datasheet HTML 15Page - Linear Technology LTC1159CS Datasheet HTML 16Page - Linear Technology LTC1159CS Datasheet HTML 17Page - Linear Technology LTC1159CS Datasheet HTML 18Page - Linear Technology LTC1159CS Datasheet HTML 19Page - Linear Technology LTC1159CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1159/LTC1159-3.3/LTC1159-5
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142
Dual High Efficiency Synchronous Step-Down Switching Regulator
Dual Version of LTC1148
LTC1143
Dual High Efficiency Step-Down Switching Regulator Controller
Dual Version of LTC1147
LTC1147
High Efficiency Step-Down Switching Regulator Controller
Nonsynchronous, 8-Lead, VIN ≤ 16V
LTC1148
High Efficiency Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 20V
LTC1149
High Efficiency Step-Down Switching Regulator
Synchronous, VIN ≤ 48V, for Standard Threshold FETs
LTC1174
High Efficiency Step-Down and Inverting DC/DC Converter
0.5A Switch, VIN ≤ 18.5V, Comparator
LTC1265
High Efficiency Step-Down DC/DC Converter
1.2A Switch, VIN ≤ 13V, Comparator
LTC1267
Dual High Efficiency Synchronous Step-Down Switching Regulators
Dual Version of LTC1159
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
© LINEAR TECHNOLOGY CORPORATION 1994
LT/GP 1294 10K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
S Package
16-Lead Plastic SOIC
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157*
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
SO16 0893
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com