Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3504 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3504
Description  Quad 40V/1A Step-Down Switching Regulator with 100 Duty Cycle Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3504 Datasheet(HTML) 2 Page - Linear Technology

  LT3504_15 Datasheet HTML 1Page - Linear Technology LT3504_15 Datasheet HTML 2Page - Linear Technology LT3504_15 Datasheet HTML 3Page - Linear Technology LT3504_15 Datasheet HTML 4Page - Linear Technology LT3504_15 Datasheet HTML 5Page - Linear Technology LT3504_15 Datasheet HTML 6Page - Linear Technology LT3504_15 Datasheet HTML 7Page - Linear Technology LT3504_15 Datasheet HTML 8Page - Linear Technology LT3504_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3504
2
3504fa
For more information www.linear.com/LT3504
pin conFiguraTion
absoluTe MaxiMuM raTings
EN/UVLO Pin.............................................................40V
EN/UVLO Pin Above VIN Pin........................................5V
VIN Pin ......................................................................40V
SKY Pin.....................................................................46V
SW5 Pin....................................................................47V
RUN/SS Pins...............................................................6V
FB Pins........................................................................6V
RT/SYNC Pin...............................................................6V
PG Pin.......................................................................25V
Operating Junction Temperature Range (Notes 2, 8)
LT3504EUFD.......................................... –40°C to 125°C
LT3504IUFD........................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
DA2
SW2
DA3
SW3
SW1
DA1
SW4
DA4
FB2
FB3
FB1
FB4
GND
RT/SYNC
EN/UVLO
RUN/SS3
7
17
18
19
20
21
22
16
8
15
θJA = 43°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3504EUFD#PBF
LT3504EUFD#TRPBF
3504
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3504IUFD#PBF
LT3504IUFD#TRPBF
3504
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN/UVLO Threshold Voltage
Rising
l
1.2
1.44
1.6
V
EN/UVLO Threshold Voltage Hysteresis
110
mV
EN/UVLO Threshold Current Hysteresis
VEN/UVLO = Measured Rising Threshold – 50mV
(Note 3)
1.3
µA
Internal VIN Undervoltage Lockout
2.4
2.9
3.2
V
Quiescent Current (VIN) in Shutdown
VEN/UVLO = 0V
0.01
2
µA
Quiescent Current (VIN)
VEN/UVLO = 1V (Note 4)
4
10
µA
Quiescent Current (VIN)
VEN/UVLO = 1.5V, VRUN/SS(1,2,3,4) = Open,
VFB(1,2,3,4) = 0.9V, VSKY = 17V
2.7
mA
Quiescent Current (SKY)
VEN/UVLO = 1.5V, VRUN/SS(1,2,3,4) = Open,
VFB(1,2,3,4) = 0.9V, VSKY = 17V
4.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com