Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3587 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3587
Description  High Voltage Monolithic Inverter and Dual Boost
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3587 Datasheet(HTML) 2 Page - Linear Technology

  LT3587_15 Datasheet HTML 1Page - Linear Technology LT3587_15 Datasheet HTML 2Page - Linear Technology LT3587_15 Datasheet HTML 3Page - Linear Technology LT3587_15 Datasheet HTML 4Page - Linear Technology LT3587_15 Datasheet HTML 5Page - Linear Technology LT3587_15 Datasheet HTML 6Page - Linear Technology LT3587_15 Datasheet HTML 7Page - Linear Technology LT3587_15 Datasheet HTML 8Page - Linear Technology LT3587_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3587
2
3587fc
ABSOLUTE MAXIMUM RATINGS
VIN ..............................................................................6V
Soft-Start Input Pins
EN/SS1, EN/SS3 .....................................................6V
Feedback Pins
FB1, FB2, IFB3, VFB3 ................................. –0.2V to 6V
High Voltage Switch Pins
SW1, SW2, SW3...................................................40V
High Voltage Output Pins
CAP1, CAP3, VOUT1, VOUT3 ...................................32V
Bidirectional I/O Pin
FLT ..........................................................................6V
FLT Current ........................................................10mA
Operating Junction Temperature Range.. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
20 19 18 17 16
7
8
TOP VIEW
21
UD PACKAGE
20-LEAD (3mm
3mm) PLASTIC QFN
9 10
VOUT3
CAP3
SW3
GND
FLT
FB1
VOUT1
CAP1
GND
SW1
12
11
13
14
15
4
5
3
2
1
6
θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage Range
2.5
6
V
Quiescent Current
VEN/SS1 = 0V, VEN/SS3 = VVIN OR
VEN/SS1 = VVIN, VEN/SS3 = 0V OR
VEN/SS1 = VEN/SS3 = VVIN
Not Switching
2.4
4
mA
VEN/SS1 = VEN/SS3 = 0V, In Shutdown
5.5
9
μA
Switching Frequency
l
0.8
1
1.2
MHz
Maximum Duty Cycle
l
87
93
%
Minimum On Time
50
70
ns
Power Fault Delay from Any Output to FLT
16
ms
FLT Input Threshold Low
l
0.4
1.0
1.6
V
FLT Leakage Current
VFLT = 5V
l
±1
μA
FLT Voltage Output Low
IFLT = 1mA
l
0.4
V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3587EUD#PBF
LT3587EUD#TRPBF
LDNC
20-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VVIN = 3.6V, VEN/SS1 = VEN/SS3 = VVIN unless otherwise noted (Note 2, 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com