Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3598 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 2 Page - Linear Technology

  LT3598_15 Datasheet HTML 1Page - Linear Technology LT3598_15 Datasheet HTML 2Page - Linear Technology LT3598_15 Datasheet HTML 3Page - Linear Technology LT3598_15 Datasheet HTML 4Page - Linear Technology LT3598_15 Datasheet HTML 5Page - Linear Technology LT3598_15 Datasheet HTML 6Page - Linear Technology LT3598_15 Datasheet HTML 7Page - Linear Technology LT3598_15 Datasheet HTML 8Page - Linear Technology LT3598_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3598
2
3598fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
SHDN ................................................................VIN + 3V
VIN, OPENLED...........................................................30V
SW Voltage ...............................................................45V
VOUT, VO_SW Voltage .................................................44V
LED1 to LED6............................................................44V
PWM, SYNC, CTRL, RT, SS, VC...................................6V
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
SW
VOUT
VO_SW
LED1
LED2
LED3
LED4
LED5
LED6
OPENLED
ISET
CTRL
VIN
SHDN
GND
VREF
SS
RT
PWM
SYNC
NC
TSET
FB
VC
25
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
24 23 22 21 20 19
25
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
LED1
LED2
LED3
LED4
LED5
LED6
VREF
SS
RT
PWM
SYNC
NC
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3598EUF#PBF
LT3598EUF#TRPBF
3598
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT3598IUF#PBF
LT3598IUF#TRPBF
3598
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT3598EFE#PBF
LT3598EFE#TRPBF
LT3598
24-Lead Plastic TSSOP
–40°C to 125°C
LT3598IFE#PBF
LT3598IFE#TRPBF
LT3598
24-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VREF, FB Voltage..........................................................6V
ISET, TSET.....................................................................6V
Operating Junction Temperature Range
(Note 2)..................................................–40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range...................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com