Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1235
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1235 Datasheet HTML 8Page - Linear Technology LTC1235 Datasheet HTML 9Page - Linear Technology LTC1235 Datasheet HTML 10Page - Linear Technology LTC1235 Datasheet HTML 11Page - Linear Technology LTC1235 Datasheet HTML 12Page - Linear Technology LTC1235 Datasheet HTML 13Page - Linear Technology LTC1235 Datasheet HTML 14Page - Linear Technology LTC1235 Datasheet HTML 15Page - Linear Technology LTC1235 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1235
S
APPLICATI
I FOR ATIO
The 10.7ms allows enough time to execute shut-down
procedure for microprocessor and 831mV of hysteresis
would prevent PFO from going low due to the noise of VIN.
Example 2: The circuit in Figure 9 can be used to measure
the regulated 5V supply to provide early warning of power
failure. Because of variations in the PFI threshold, this
circuit requires adjustment to ensure that the PFI com-
parator trips before the reset threshold is reached. Adjust
R5 such that the PFO output goes low when the VCC supply
reaches the desired level (e.g., 4.85V).
Monitoring the Status of the Battery
C3 can also monitor the status of the memory backup
battery (Figure 10). If desired, the CE OUT can be used to
apply a test load to the battery. Since CE OUT is forced high
in battery backup mode, the test load will not be applied to
the battery while it is in use, even if the microprocessor is
not powered.
Figure 11. Watchdog Time-out Period and Reset Active Time
Watchdog Timer
The LTC1235 provides a watchdog timer function to
monitor the activity of the microprocessor. If the micro-
processor does not toggle the Watchdog Input (WDI)
within the time-out period, the reset outputs are forced to
active states for a minimum of 140ms. The watchdog
time-out period is fixed at 1.0 second minimum on the
LTC1235. This time-out period provides adequate time for
many systems to service the watchdog timer immediately
after a reset. Figure 11 shows the timing diagram of
watchdog time-out period and reset active time. The
watchdog time-out period is restarted as soon as the reset
outputs are inactive. When either a high-to-low or low-to-
high transition occurs at the WDI pin prior to time-out, the
watchdog time is reset and begins to time out again. To
ensure the watchdog time does not time out, either a high-
to-low or low-to-high transition on the WDI pin must
occur at or less than the minimum time-out period. If the
input to the WDI pin remains either high or low, reset
pulses will be issued every 1.6 seconds typically. The
watchdog timer can be deactivated by floating the WDI pin.
The timer is also disabled when VCC falls below the reset
voltage threshold or VBATT.
The Watchdog Output, WDO, goes low if the watchdog
timer is allowed to time out and remains low until set high
by the next transition on the WDI pin. WDO is also set high
when VCC falls below the reset voltage threshold or VBATT.
+3V
OPTIONAL TEST LOAD
VCC
+5V
LTC1235 F09
VBATT
GND
PFI
LTC1235
R1
1M
RL 20K
R2
1M
PFI
CE IN
LOW BATTERY SIGNAL
TO µP I/O PIN
TO
µP I/O PIN
PFO
CE OUT
BACKUP
}
Figure 10. Backup Battery Monitor with Optional Test Load
t1 = RESET ACTIVE TIME
t2 = WATCHDOG TIME-OUT PERIOD
VCC = 5V
t1
WDO
WDI
RESET
t2
t1
LTC1235 F11
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com