Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098CS8 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1098CS8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098CS8 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1098CS8 Datasheet HTML 20Page - Linear Technology LTC1098CS8 Datasheet HTML 21Page - Linear Technology LTC1098CS8 Datasheet HTML 22Page - Linear Technology LTC1098CS8 Datasheet HTML 23Page - Linear Technology LTC1098CS8 Datasheet HTML 24Page - Linear Technology LTC1098CS8 Datasheet HTML 25Page - Linear Technology LTC1098CS8 Datasheet HTML 26Page - Linear Technology LTC1098CS8 Datasheet HTML 27Page - Linear Technology LTC1098CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC1096/LTC1096L
LTC1098/LTC1098L
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters), unless otherwise noted.
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N8 0695
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
*THESE DIMENSIONS DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL
NOT EXCEED 0.010 INCH (0.254mm)
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.015
(0.380)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
SO8 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com