Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856B Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # BC856B
Description  200mW, PNP Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC856B Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  BC856B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC856B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC856B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC856B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC856B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC856B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dimensions
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.20
2.60
0.087
0.102
F
0.90
1.30
0.035
0.051
G
H
Suggested PAD Layout
A
B
C
D
Part No.
Marking
BC856A
3A
BC856B
3B
BC857A
3E
BC857B
3F
BC857C
3G
BC858A
3J
BC858B
3K
BC858C
3L
0.035
Unit(inch)
Typ.
Typ.
Version : F14
0.8
0.031
2.0
0.079
0.9
0.004 REF
DIM.
Marking
0.1 REF
0.550 REF
0.95
0.037
DIM.
Unit(mm)
Small Signal Product
0.022 REF
Unit(mm)
Unit(inch)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com