Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1282 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1282
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1282 Datasheet HTML 9Page - Linear Technology LTC1282 Datasheet HTML 10Page - Linear Technology LTC1282 Datasheet HTML 11Page - Linear Technology LTC1282 Datasheet HTML 12Page - Linear Technology LTC1282 Datasheet HTML 13Page - Linear Technology LTC1282 Datasheet HTML 14Page - Linear Technology LTC1282 Datasheet HTML 15Page - Linear Technology LTC1282 Datasheet HTML 16Page - Linear Technology LTC1282 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1282
S
APPLICATI
I FOR ATIO
Overdriving the Internal Reference
The VREF pin can be driven above its normal value with a
DAC or other means to provide input span adjustment.
Figure 6 shows an LT1006 op amp driving the reference
pin. The VREF pin must be driven to at least 1.25V to
prevent conflict with the internal reference. The reference
should be driven to no more than 1.44V in unipolar mode
or 2.88V for bipolar mode to keep the input span within the
single 3V or
±3V supplies.
Figure 6. Driving the VREF with the LT1006 Op Amp
natural binary with 1LSB = FS/4096 = 2.5V/4096 = 0.61mV.
Figure 9 shows the input/output transfer characteristics
for the LTC1282 in bipolar operation. The full scale for
LTC1282 in bipolar mode is still 2.5V and 1LSB = 0.61mV.
UNIPOLAR/BIPOLAR OPERATION AND ADJUSTMENT
Figure 8 shows the ideal input/output characteristics for
the LTC1282. The code transitions occur midway be-
tween successive integer LSB values (i.e., 0.5LSB,
1.5LSBs, 2.5LSBs, FS – 1.5LSBs). The output code is
Figure 7. Supplying a 2.5V Reference Voltage
to the LTC1282 with the LT1019A-2.5
Figure 7 shows a typical reference, the LT1019A-2.5
connected to the LTC1282 operating in bipolar mode. This
will provide an improved drift (due to the 5ppm/
°C of the
LT1019A-2.5) and a
±2.604V full scale.
INPUT VOLTAGE (V)
0V
FS – 1LSB
LTC1282 • F8
111...111
111...110
111...101
111...100
000...000
000...001
000...010
000...011
1
LSB
UNIPOLAR
ZERO
1LSB = FS/4096
FS = 2.5V
Figure 8. LTC1282 Unipolar Transfer Characteristic
Figure 9. LTC1282 Bipolar Transfer Characteristic
Unipolar Offset and Full-Scale Adjustment
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Figure
10 shows the extra components required for full-scale
error adjustment. If both offset and full-scale adjust-
ments are needed, the circuit in Figure 11 can be used.
Offset should be adjusted before full scale. To adjust
INPUT VOLTAGE (V)
0V
–1
LSB
LTC1282 • F09
011...111
011...110
000...001
000...000
100...000
100...001
100...010
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
FS = 2.5V
1LSB = FS/4096
111...110
VREF(OUT) ≥ 1.25V
3
Ω
INPUT RANGE
±1.033VREF(OUT)
–
+
LT1006
10
µF
LTC1282 • F06
LTC1282
AIN
AGND
VREF
VDD
VSS
3V
–3V
3
Ω
INPUT RANGE
±2.60V
LTC1282
AIN
AGND
VREF
10
µF
LTC1282 • F07
LT1019A-2.5
VIN
GND
VOUT
5V
VDD
VSS
3V
–3V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com