Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283AC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1283AC
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283AC Datasheet(HTML) 5 Page - Linear Technology

  LTC1283AC Datasheet HTML 1Page - Linear Technology LTC1283AC Datasheet HTML 2Page - Linear Technology LTC1283AC Datasheet HTML 3Page - Linear Technology LTC1283AC Datasheet HTML 4Page - Linear Technology LTC1283AC Datasheet HTML 5Page - Linear Technology LTC1283AC Datasheet HTML 6Page - Linear Technology LTC1283AC Datasheet HTML 7Page - Linear Technology LTC1283AC Datasheet HTML 8Page - Linear Technology LTC1283AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1283
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Linearity Error
vs Reference Voltage
Change in Linearity Error
vs Temperature
Maximum Conversion Clock Rate
vs Temperature
Change in Gain Error
vs Temperature
Maximum Conversion Clock Rate
vs Source Resistance
Maximum Conversion Clock Rate
vs Reference Voltage
Change in Full-Scale Error
vs Reference Voltage
Change in Offset Error
vs Temperature
AMBIENT TEMPERATURE (˚C)
–50
1.75
25
LTC1283 • G09
1.0
0.5
–25
0
50
0.25
0
2.0
1.5
1.25
0.75
75
100
125
VCC = 3V
VREF = 2.5V
RSOURCE (kΩ)
1
0
250
500
750
1000
1500
10
100
LTC1283 • G11
1250
VCC = 3V
+ INPUT
– INPUT
RSOURCE
–
VIN
REFERENCE VOLTAGE (V)
0
0.6
0.8
1.0
2.0
LTC1283 • G04
0.4
0.2
0
0.5
1.0
1.5
2.5
0.5
0.7
0.9
0.3
0.1
VCC = 3V
ACLK = 500kHz
REFERENCE VOLTAGE (V)
0
0.6
0.8
1.0
2.0
LTC1283 • G05
0.4
0.2
0
0.5
1.0
1.5
2.5
0.5
0.7
0.9
0.3
0.1
VCC = 3V
ACLK = 500kHz
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1283 • G06
0.1
0.4
0.3
–25
25
100
125
VCC = 3V
VREF = 2.5V
ACLK = 500kHz
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1283 • G07
0.1
0.4
0.3
–25
25
100
125
VCC = 3V
VREF = 2.5V
ACLK = 500kHz
TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1283 • G08
0.1
0.4
0.3
–25
25
100
125
VCC = 3V
VREF = 2.5V
ACLK = 500kHz
REFERENCE VOLTAGE (V)
0
0
250
500
750
1000
1250
1500
0.5
1.0
1.5
2.0
LTC1283 • G10
2.5
VCC = 3V
*Maximum ACLK frequency represents the ACLK frequency at which a 0.1LSB shift in the error at
any code transition from its 100kHz value is first detected.
**Maximum RFILTER represents the filter resistor value at which a 0.1LSB change in full-scale error
from its value at RFILTER = 0 is first detected.
Maximum Filter Resistor
vs Cycle Time
CYCLE TIME (
µs)
100
1k
10k
100k
10
1000
10000
LTC1283 • G12
10
100
+
–
VIN
RFILTER
CFILTER ≥ 1µF
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com