Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1285 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1285
Description  3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1285 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1285 Datasheet HTML 9Page - Linear Technology LTC1285 Datasheet HTML 10Page - Linear Technology LTC1285 Datasheet HTML 11Page - Linear Technology LTC1285 Datasheet HTML 12Page - Linear Technology LTC1285 Datasheet HTML 13Page - Linear Technology LTC1285 Datasheet HTML 14Page - Linear Technology LTC1285 Datasheet HTML 15Page - Linear Technology LTC1285 Datasheet HTML 16Page - Linear Technology LTC1285 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1285/LTC1288
APPLICATION INFORMATION
Transfer Curve
The LTC1285/LTC1288 are permanently configured for
unipolar only. The input span and code assignment for
this conversion type are shown in the following figures.
VREF
4096
VIN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
LTC1285/88 • AI04
1LSB =
Transfer Curve
OUTPUT CODE
•
•
•
1 1 1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5.000V)
4.99878V
4.99756V
•
•
•
0.00122V
0V
LTC1285/88 • AI05
Output Code
Operation with DIN and DOUT Tied Together
The LTC1288 can be operated with DIN and DOUT tied
together. This eliminates one of the lines required to
communicate to the microprocessor (MPU). Data is trans-
mitted in both directions on a single wire. The processor
pin connected to this data line should be configurable as
either an input or an output. The LTC1288 will take control
of the data line and drive it low on the 4th falling CLK edge
after the start bit is received (see Figure 3). Therefore the
processor port line must be switched to an input before
this happens to avoid a conflict.
In the Typical Applications section, there is an example of
interfacing the LTC1288 with DINand DOUT tied together to
the Intel 8051 MPU.
ACHIEVING MICROPOWER PERFORMANCE
With typical operating currents of 160
µA and automatic
shutdown between conversions, the LTC1285/LTC1288
achieves extremely low power consumption over a wide
range of sample rates (see Figure 4). The auto-shutdown
allows the supply curve to drop with reduced sample rate.
Figure 3. LTC1288 Operation with DIN and DOUT Tied Together
1
2
3
4
CS
CLK
DATA
(DIN/DOUT)
START
SGL/DIFF
ODD/SIGN
MSBF
B11
B10
•••
MSBF BIT LATCHED
BY LTC1288
LTC1288 CONTROLS DATA LINE AND SENDS
A/D RESULT BACK TO MPU
MPU CONTROLS DATA LINE AND SENDS
MUX ADDRESS TO LTC1288
PROCESSOR MUST RELEASE DATA LINE AFTER
4TH RISING CLK AND BEFORE THE 4TH FALLING CLK
LTC1288 TAKES CONTROL OF DATA LINE
ON 4TH FALLING CLK
LTC1285/88 F03
SAMPLE FREQUENCY (kHz)
0.1
1
10
100
1000
1
10
100
LTC1285/88 • F04
TA = 25°C
VCC = 2.7V
VREF = 2.5V
fCLK = 120kHz
Figure 4. Automatic Power Shutdown Between Conversions
Allows Power Consumption to Drop with Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com