Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1276AC Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1276AC
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1276AC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1276AC Datasheet HTML 5Page - Linear Technology LTC1276AC Datasheet HTML 6Page - Linear Technology LTC1276AC Datasheet HTML 7Page - Linear Technology LTC1276AC Datasheet HTML 8Page - Linear Technology LTC1276AC Datasheet HTML 9Page - Linear Technology LTC1276AC Datasheet HTML 10Page - Linear Technology LTC1276AC Datasheet HTML 11Page - Linear Technology LTC1276AC Datasheet HTML 12Page - Linear Technology LTC1276AC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1273
LTC1275/LTC1276
PI
FU C
S
TI
VSS (Pin23):NegativeSupply.– 5VforLTC1275/LTC1276.
Bypass to AGND with 0.1
µF ceramic.
NC (Pin 23): No Connection for LTC1273.
VDD (Pin 24): Positive Supply, 5V. Bypass to AGND (10µF
tantalum in parallel with 0.1
µF ceramic).
Table 1. Data Bus Output, CS and RD = LOW
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Pin 9
Pin 10
Pin 11
Pin 13
Pin 14
Pin 15
Pin 16
MNEMONIC*
D11
D10
D9
D8
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
HBEN = LOW
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
HBEN = HIGH
DB11
DB10
DB9
DB8
LOW
LOW
LOW
LOW
DB11
DB10
DB9
DB8
*D11...D0/8 are the ADC data output pins.
DB11...DB0 are the 12-bit conversion results, DB11 is the MSB.
FU TIO AL BLOCK DIAGRA
CSAMPLE
CONTROL
LOGIC
INTERNAL
CLOCK
SUCCESSIVE
APPROXIMATION
REGISTER
12
12
OUTPUT
LATCHES
•
•
•
D11
D0/8
BUSY
2.42V
REFERENCE
VREF(OUT)
DGND
AGND
AIN
SAMPLE
HOLD
SAMPLE
VSS (NC ON LTC1273)
VDD
HBEN
CS
RD
LTC1273/75/76 • FBD
12-BIT
CAPACITIVE
DAC
COMPARATOR
TEST CIRCUITS
Load Circuits for Access Time
Load Circuits for Output Float Delay
3k
CL
DBN
DGND
A) HIGH-Z TO VOH (t3)
AND VOL TO VOH (t6)
CL
DBN
3k
5V
B) HIGH-Z TO VOL (t3)
AND VOH TO VOL (t6)
DGND
1273/75/76 • TA07
3k
10pF
DBN
DGND
A) VOH TO HIGH-Z
10pF
DBN
3k
5V
B) VOL TO HIGH-Z
DGND
1273/75/76 • TA08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com