Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1283C
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1283C Datasheet HTML 13Page - Linear Technology LTC1283C Datasheet HTML 14Page - Linear Technology LTC1283C Datasheet HTML 15Page - Linear Technology LTC1283C Datasheet HTML 16Page - Linear Technology LTC1283C Datasheet HTML 17Page - Linear Technology LTC1283C Datasheet HTML 18Page - Linear Technology LTC1283C Datasheet HTML 19Page - Linear Technology LTC1283C Datasheet HTML 20Page - Linear Technology LTC1283C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1283
S
APPLICATI
I FOR ATIO
or noise in the output code. VCC noise and ripple can be
kept below 1mV by bypassing the VCC pin directly to the
analog ground plane with a 4.7
µF tantalum with leads as
short as possible. Figures 7 and 8 show the effects of good
and poor VCC bypassing.
3. Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1283 have
capacitive switching input current spikes. These current
spikes settle quickly and do not cause a problem.
However, if large source resistances are used or if slow
settling op amps drive the inputs, care must be taken to
insure that the transients caused by the current spikes
settle completely before the conversion begins.
Source Resistance
The analog inputs of the LTC1283 look like 65pF capacitor
(CIN) in series with a 500Ω resistor (RON) as shown in
Figure 9. CIN gets switched between the selected “+” and
“–” inputs once during each conversion cycle. Large
external source resistors and capacitances will slow the
settling of the inputs. It is important that the overall RC
time constants be short enough to allow the analog inputs
to completely settle within the allowed time.
Figure 6. Example Ground Plane for the LTC1283
HORIZONTAL: 10
µs/DIV
Figure 7. Poor VCC Bypassing. Noise and Ripple
can Cause A/D Errors
HORIZONTAL: 10
µs/DIV
Figure 8. Good VCC Bypassing Keeps Noise and Ripple
on VCC Below 1mV
4TH SCLK
RON = 500Ω
LAST SCLK
CIN =
65pF
LTC1283
“+”
INPUT
RSOURCE
+
VIN
+
C1
“–”
INPUT
RSOURCE
–
VIN
–
C2
LTC1283 • F09
Figure 9. Analog Input Equivalent Circuit
V–
4.7
µF
TANTALUM
VCC
LTC1283 • F06
0.1
µF
CERAMIC
DISK
ANALOG
GROUND
PLANE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com