Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1276BC Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1276BC
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1276BC Datasheet(HTML) 2 Page - Linear Technology

  LTC1276BC Datasheet HTML 1Page - Linear Technology LTC1276BC Datasheet HTML 2Page - Linear Technology LTC1276BC Datasheet HTML 3Page - Linear Technology LTC1276BC Datasheet HTML 4Page - Linear Technology LTC1276BC Datasheet HTML 5Page - Linear Technology LTC1276BC Datasheet HTML 6Page - Linear Technology LTC1276BC Datasheet HTML 7Page - Linear Technology LTC1276BC Datasheet HTML 8Page - Linear Technology LTC1276BC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1273
LTC1275/LTC1276
A
G
A
U
A
R
BSOLUTEXI
TI
S (Notes 1 and 2)
Supply Voltage (VDD) .............................................. 12V
Negative Supply Voltage (VSS)
LTC1275/LTC1276.................................. – 6V to GND
Total Supply Voltage (VDD to VSS)
LTC1275/LTC1276............................................... 12V
Analog Input Voltage (Note 3)
LTC1273 .................................... – 0.3V to VDD + 0.3V
LTC1275/LTC1276.............. VSS – 0.3V to VDD + 0.3V
Digital Input Voltage (Note 4)
LTC1273 ................................................ – 0.3V to 12V
LTC1275/LTC1276......................... VSS – 0.3V to 12V
Digital Output Voltage (Note 3)
LTC1273 .................................... – 0.3V to VDD + 0.3V
LTC1275/LTC1276 .............. VSS – 0.3V to VDD + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1273AC, LTC1273BC, LTC1275AC
LTC1275BC, LTC1276AC, LTC1276BC .... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
ORDER
PART NUMBER
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
S PACKAGE
24-LEAD PLASTIC SOL
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
NC
BUSY
CS
RD
HBEN
NC
NC
D0/8
D1/9
D2/10
D3/11
N PACKAGE
24-LEAD PLASTIC DIP
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
S PACKAGE
24-LEAD PLASTIC SOL
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
VSS
BUSY
CS
RD
HBEN
NC
NC
D0/8
D1/9
D2/10
D3/11
N PACKAGE
24-LEAD PLASTIC DIP
TJMAX = 110°C, θJA = 100°C/W (N)
TJMAX = 110°C, θJA = 130°C/W (S)
TJMAX = 110°C, θJA = 100°C/W (N)
TJMAX = 110°C, θJA = 130°C/W (S)
With Internal Reference (Notes 5 and 6)
CC
HARA TERISTICS
CO VERTER
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
12
Bits
Integral Linearity Error
(Note 7)
±1/2
±1
LSB
Commercial
q
±1/2
±1
LSB
Military
q
±3/4
±1
LSB
Differential Linearity Error
Commercial
q
±3/4
±1
LSB
Military
q
±1
±1
LSB
Offset Error
(Note 8)
±3
±4
LSB
q
±4
±6
LSB
Full Scale Error
±10
±15
LSB
Full Scale Tempco
IOUT(REFERENCE) = 0
q
±5
±25
±10
±45
ppm/
°C
LTC1273A/LTC1275A/LTC1276A
LTC1273B/LTC1275B/LTC1276B
LTC1275ACN
LTC1275BCN
LTC1275ACS
LTC1275BCS
LTC1276ACN
LTC1276BCN
LTC1276ACS
LTC1276BCS
(For MIL Grade:
Contact Factory)
LTC1273ACN
LTC1273BCN
LTC1273ACS
LTC1273BCS
(For MIL Grade:
Contact Factory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com