Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1287 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1287 Datasheet HTML 8Page - Linear Technology LTC1287 Datasheet HTML 9Page - Linear Technology LTC1287 Datasheet HTML 10Page - Linear Technology LTC1287 Datasheet HTML 11Page - Linear Technology LTC1287 Datasheet HTML 12Page - Linear Technology LTC1287 Datasheet HTML 13Page - Linear Technology LTC1287 Datasheet HTML 14Page - Linear Technology LTC1287 Datasheet HTML 15Page - Linear Technology LTC1287 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1287
13
S
APPLICATI
I FOR ATIO
Figures 13 and 14 show examples of both adequate and
poor settling. Using a slower CLK will allow more time
for the reference to settle. Even at the maximum CLK
rate of 500kHz most references and op amps can be
made to settle within the 2
µs bit time. For example an
LT1019 used in the shunt mode with a 10
µF bypass
capacitor will settle adequately. To minimize power an
LT1004-2.5 can be used with a 10
µF bypass capacitor.
For lower value references the LT1004-1.2 with a 10
µF
bypass capacitor can be used.
Reduced Reference Operation
The effective resolution of the LTC1287 can be in-
creased by reducing the input span of the converter.
The LTC1287 exhibits good linearity over a range of
reference voltages (seeTypical Performance Charac-
teristics curves of Change in Linearity vs Reference
Voltage). Care must be taken when operating at low
values of VREFbecause of the reduced LSB step size and
the resulting higher accuracy requirement placed on
the converter. Offset and Noise are factors that must be
considered when operating at low VREF values.
Offset with Reduced VREF
The offset of the LTC1287 has a larger effect on the
output code when the A/D is operated with a reduced
reference voltage. The offset (which is typically a fixed
voltage) becomes a larger fraction of an LSB as the size
of the LSB is reduced. The Typical Performance Char-
acteristics curve of Unadjusted Offset Error vs Refer-
ence Voltage shows how offset in LSBs is related to
reference voltage for a typical value of VOS. For
example a VOS of 0.1mV, which is 0.2LSB with a 2.5V
reference becomes 0.4LSB with a 1.25 reference. If
this offset is unacceptable, it can be corrected digitally
by the receiving system or by offsetting the –IN input to
the LTC1287.
Noise with Reduced VREF
The total input referred noise of the LTC1287 can be
reduced to approximately 200
µV peak-to-peak using a
ground plane, good bypassing, good layout techniques
and minimizing noise on the reference inputs. This
Figure 14. Poor Reference Settling Can Cause A/D Errors
Figure 13. Adequate Reference Settling
HORIZONTAL: 1
µs/DIV
HORIZONTAL: 10
µs/DIV
conversion (every CLK cycle) a capacitive current spike
will be generated on the reference pin by the A/D. These
current spikes settle quickly and do not cause a prob-
lem. If slow settling circuitry is used to drive the
reference input, take care to insure that transients
caused by these current spikes settle completely during
each bit test of the conversion.
Figure 12. Reference Input Equivalent Circuit
RON
8pF – 40pF
LTC1287
REF+
ROUT
VREF
EVERY CLK CYCLE
14
13
GND
LTC 1287 F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com