Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF8JD Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF8JD
Description  Isolated Ultra Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF8JD Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF8JD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF8JD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF8JD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF8JD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Especially suited as boost diode on continuous mode power factor correctors
- Ideal Solution for hard switching condition
- High capability for high di/dt operation. Downsizing of mosfet and heatsink
- High surge current capability
- AEC-Q101 qualified (Green compound not involved)
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
IF(AV)
A
Qrr
nC
IRM
A
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1312023
Version: A13
UGF8JD
Taiwan Semiconductor
Isolated Ultra Fast Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC
DESCRIPTION
Especially suited as free wheeling or boost diode in continuous mode
power factor correctors and other power switching applications.
The low stored charge and ultrafast soft recovery minimizes ringing and
electrical noise in power switching circuits. The family drastically cuts losses
in the associated MOSFET when run at high dIF/dt.
Case:
ITO-220AC
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.7g (approximately)
UNIT
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
8.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
UGF8JD
600
V
55.5
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
VF
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
100
A
IF=1A, dIF/dt=-200A/us, VR=400V, TJ=125℃
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
0.5
μA
IF=0.5A, IRR=0.25A, IR=1A, TJ=25℃
-
ns
2.3
100
Reverse recovery time
IF=1A, dIF/dt=-50A/us, VR=30V, TJ=25℃
Trr
TYP
MAX
13
-30
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Typical thermal resistance
4
Operating junction temperature range
- 55 to +150
Reverse recovery charges
TYP
MAX
IF=1A, dIF/dt=-200A/us, VR=400V, TJ=125℃
90
-


Similar Part No. - UGF8JD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
UGF8JD ISC-UGF8JD Datasheet
286Kb / 2P
Isolated Ultra Fast Rectifier
More results

Similar Description - UGF8JD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF1004GA TSC-UGF1004GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
logo
Taiwan Semiconductor Co...
UGF8J TSC-UGF8J_13 Datasheet
174Kb / 3P
8.0 AMPS Isolated Ultra Fast Rectifier
UGF12J TSC-UGF12J_13 Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
UGF1004G TSC-UGF1004G_14 Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF10L08G TSC-UGF10L08G Datasheet
212Kb / 4P
10A, 600V Isolated Ultra Fast Rectifier
UGF10L08GA TSC-UGF10L08GA Datasheet
211Kb / 4P
10A, 600V Isolated Ultra Fast Rectifier
logo
Inchange Semiconductor ...
UGF8JD ISC-UGF8JD Datasheet
286Kb / 2P
Isolated Ultra Fast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com