Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD7566ACSA Datasheet(PDF) 39 Page - NEC

Part # UPD7566ACSA
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7566ACSA Datasheet(HTML) 39 Page - NEC

Back Button UPD7566ACSA Datasheet HTML 35Page - NEC UPD7566ACSA Datasheet HTML 36Page - NEC UPD7566ACSA Datasheet HTML 37Page - NEC UPD7566ACSA Datasheet HTML 38Page - NEC UPD7566ACSA Datasheet HTML 39Page - NEC UPD7566ACSA Datasheet HTML 40Page - NEC UPD7566ACSA Datasheet HTML 41Page - NEC UPD7566ACSA Datasheet HTML 42Page - NEC UPD7566ACSA Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
µPD7566A, 7566A(A)
39
IDD vs. VDD Characteristic Example
(Ta = 25°C)
1000
500
100
50
10
0123456
Supply voltage VDD [V]
CL1
CL2
330
pF
330
pF
100
pF
100
pF
6.8 k
Ω
6.8 k
Ω
fcc = 700 kHz
Operation mode
CSB300D
CSB700A
fcc = 300 kHz
Operation mode
HALT mode
HALT mode
CL1
CL2
(Reference Value)
0
Low-level output voltage V0L [V]
123456
0
IOL vs. VOL Characteristic Example (Ports 8 and 9)
(Ta = 25°C)
30
25
20
15
10
5
VDD = 3 V
VDD = 5 V
Caution The absolute maximum rating is 30 mA per pin.
(Reference Value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com