Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P0116CU Datasheet(PDF) 13 Page - NEC

Part # UPD75P0116CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0116CU Datasheet(HTML) 13 Page - NEC

Back Button UPD75P0116CU Datasheet HTML 9Page - NEC UPD75P0116CU Datasheet HTML 10Page - NEC UPD75P0116CU Datasheet HTML 11Page - NEC UPD75P0116CU Datasheet HTML 12Page - NEC UPD75P0116CU Datasheet HTML 13Page - NEC UPD75P0116CU Datasheet HTML 14Page - NEC UPD75P0116CU Datasheet HTML 15Page - NEC UPD75P0116CU Datasheet HTML 16Page - NEC UPD75P0116CU Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
µPD75P0116
13
4.2 Setting of Stack Bank Selection (SBS) Register
Use the stack bank selection register to switch between the Mk I mode and the Mk II mode. Figure 4-1 shows the format
for doing this.
The stack bank selection register is set using a 4-bit memory manipulation instruction. When using the Mk I mode,
be sure to initialize the stack bank selection register to 100
×B Note at the beginning of the program. When using the Mk
II mode, be sure to initialize it to 000
×B Note.
Note
Set the desired value for
×.
Figure 4-1. Format of Stack Bank Selection Register
Caution
SBS3 is set to “1” after RESET input, and consequently the CPU operates in the Mk I mode. When using
instructions for the Mk II mode, set SBS3 to “0” to enter the Mk II mode before using the instructions.
SBS3
SBS2
SBS1
SBS0
F84H
Address
3
2
1
0
SBS
0
0
1
1
0
1
0
1
Symbol
Stack area specification
Memory bank 0
Memory bank 1
0
Be sure to set 0 for bit 2.
0
1
Mk II mode
Mk I mode
Mode selection specification
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com