Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1289BC Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1289BC
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289BC Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1289BC Datasheet HTML 18Page - Linear Technology LTC1289BC Datasheet HTML 19Page - Linear Technology LTC1289BC Datasheet HTML 20Page - Linear Technology LTC1289BC Datasheet HTML 21Page - Linear Technology LTC1289BC Datasheet HTML 22Page - Linear Technology LTC1289BC Datasheet HTML 23Page - Linear Technology LTC1289BC Datasheet HTML 24Page - Linear Technology LTC1289BC Datasheet HTML 25Page - Linear Technology LTC1289BC Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1289
S
APPLICATI
I FOR ATIO
Figure 19 shows an FFT plot of the output spectrum for two
tones applied to the input of the A/D. Nonlinearities in the
A/D will cause distortion products at the sum and differ-
ence frequencies of the fundamentals and products of the
fundamentals. This is classically referred to as
intermodulation distortion (IMD).
8. Overvoltage Protection
Applying signals to the analog MUX that exceed the
positive or negative supply of the device will degrade the
accuracy of the A/D and possibly damage the device. For
example this condition would occur if a signal is applied to
the analog MUX before power is applied to the LTC1289.
Another example is the input source is operating from
different supplies of larger value than the LTC1289. These
conditions should be prevented either with proper supply
sequencing or by use of external circuitry to clamp or
current limit the input source. As shown in Figure 20, a
1k
Ω resistor is enough to stand off ±15V (15mA for one
only channel). If more than one channel exceeds the
supplies than the following guidelines can be used. Limit
the current to 7mA per channel and 28mA for all channels.
This means four channels can handle 7mA of input current
each. Reducing the ACLK and SCLK frequencies from the
maximum of 2MHz and 1MHz, respectively (see Typical
Peformance Characteristics curves Maximum ACLK Fre-
quency vs Source Resistance and Sample and Hold Acqui-
sition Time vs Source Resistance) allows the use of larger
current limiting resistors. Use 1N4148 diode clamps from
the MUX inputs to VCC and V
– if the value of the series
resistor will not allow the maximum clock speeds to be
used or if an unknown source is used to drive the LTC1289
MUX inputs.
How the various power supplies to the LTC1289 are
applied can also lead to overvoltage conditions. For single
supply operation (i.e., unipolar mode), if VCC and REF+ are
not tied together, then VCC should be turned on first, then
REF+. If this sequence cannot be met, connecting a diode
from REF+ to VCC is recommended (see Figure 21).
For dual supplies (bipolar mode) placing two Schottky
diodes from VCC and V– to ground (Figure 22) will prevent
power supply reversal from occuring when an input source
is applied to the analog MUX before power is applied to the
device. Power supply reversal occurs, for example, if the
input is pulled below V– then VCC will pull a diode drop
below ground which could cause the device not to power
up properly. Likewise, if the input is pulled above VCC then
V– will be pulled a diode drop above ground. If no inputs
are present on the MUX, the Schottky diodes are not
required if V– is applied first, then VCC.
Because a unique input protection structure is used on the
digital input pins, the signal levels on these pins can
exceed the device VCC without damaging the device.
Figure 20. Overvoltage Protection for MUX
3.3V
LTC1289 AIF21
REF+
VCC
LTC1289
22
µF
1N4148
VREF
14
20
Figure 21.
Figure 22. Power Supply Reversal
3.3V
LTC1289 AIF20
DGND
V–
AGND
VCC
1k
LTC1289
CH0
VIN
–3.3V
0.1
µF
22
µF
3.3V
LTC1289 AIF22
DGND
V –
AGND
VCC
LTC1289
–3.3V
0.1
µF
22
µF
1N5817
1N5817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com