Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1292 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1292
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1292 Datasheet HTML 16Page - Linear Technology LTC1292 Datasheet HTML 17Page - Linear Technology LTC1292 Datasheet HTML 18Page - Linear Technology LTC1292 Datasheet HTML 19Page - Linear Technology LTC1292 Datasheet HTML 20Page - Linear Technology LTC1292 Datasheet HTML 21Page - Linear Technology LTC1292 Datasheet HTML 22Page - Linear Technology LTC1292 Datasheet HTML 23Page - Linear Technology LTC1292 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1292/LTC1297
If VCC and VREF are not tied together, then VCC should
be turned on first, then VREF. If this sequence cannot be
met, connecting a diode from VREF to VCC is recom-
mended (see Figure 25).
Because a unique input protection structure is used on
the digital input pins, the signal levels on these pins can
exceed the device VCC without damaging the device.
S
APPLICATI
I FOR ATIO
Figure 26. “Quick Look” Circuit for the LTC1292
5V
LTC1292/7 F23
1N4148 DIODES
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
LTC1292
LTC1297
5V
LTC1292/7 F24
1N4148 DIODES
1k
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
LTC1292
LTC1297
Figure 24b. Overvoltage Protection with
Diode Clamps and Current Limiting Resistor
Figure 23. Overvoltage Protection with Clamp Diodes
5V
LTC1292/7 F25
1N4148
5V
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
LTC1292
LTC1297
Figure 25. Separate VCC and VREF Supplies
5V
LTC1292/7 F24a
250
Ω
1k
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
LTC1292
LTC1297
Figure 24a. Overvoltage Protection with
Current Limiting Resistors
TO OSCILLOSCOPE
CD4520
LTC1292/7 F26
Q1
RESET
VDD
EN
CLK
Q2
Q3
Q4
0.1µF
VIN
f/32
+5V
CLOCK IN
1MHz
22µF
CLK
EN
Q2
Q3
Q4
VSS
Q1
RESET
VCC
CLK
DOUT
VREF
CS
+IN
–IN
GND
LTC1292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com