Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1292BC Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1292BC
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292BC Datasheet(HTML) 2 Page - Linear Technology

  LTC1292BC Datasheet HTML 1Page - Linear Technology LTC1292BC Datasheet HTML 2Page - Linear Technology LTC1292BC Datasheet HTML 3Page - Linear Technology LTC1292BC Datasheet HTML 4Page - Linear Technology LTC1292BC Datasheet HTML 5Page - Linear Technology LTC1292BC Datasheet HTML 6Page - Linear Technology LTC1292BC Datasheet HTML 7Page - Linear Technology LTC1292BC Datasheet HTML 8Page - Linear Technology LTC1292BC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1292/LTC1297
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Notes 1 and 2)
Supply Voltage (VCC) to GND.................................. 12V
Voltage
Analog and Reference
Inputs..................................... –0.3V to VCC + 0.3V
Digital Inputs ........................................ –0.3V to 12V
Digital Outputs .......................... –0.3V to VCC + 0.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1292/LTC1297BC, LTC1292/LTC1297CC,
LTC1292/LTC1297DC ............................ 0
°C to 70°C
LTC1292/LTC1297BI, LTC1292/LTC1297CI,
LTC1292/LTC1297DI ........................ –40
°C to 85°C
Storage Temperature Range ................ –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA =100°C/W (J8)
TJMAX = 100°C, θJA =130°C/W (N8)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS(Note 3)
1
2
3
4
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
CS
+IN
–IN
GND
J8 PACKAGE
8-LEAD CERAMIC DIP
8
7
6
5
VCC
CLK
DOUT
VREF
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
q
±3.0
±3.0
±3.0
LSB
Linearity Error (INL)
(Note 4 & 5)
q
±0.5
±0.5
±0.75
LSB
Gain Error
(Note 4)
q
±0.5
±1.0
±4.0
LSB
Minimum Resolution for Which No
12
12
12
Bits
Missing Codes are Guaranteed
Analog and REF Input Range
(Note 7)
q
–0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 5V
q
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
q
±1
±1
±1
µA
Off Channel = 5V
Off Channel Lekage Current
On Channel = 5V
q
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
q
±1
±1
±1
µA
Off Channel = 5V
LTC1292C
LTC1297C
LTC1292B
LTC1297B
LTC1292D
LTC1297D
LTC1292BIN8
LTC1297BIN8
LTC1292CIN8
LTC1297CIN8
LTC1292DIN8
LTC1297DIN8
LTC1292BCJ8
LTC1297BCJ8
LTC1292CCJ8
LTC1297CCJ8
LTC1292DCJ8 LTC1297DCJ8
LTC1292BCN8 LTC1297BCN8
LTC1292CCN8 LTC1297CCN8
LTC1292DCN8 LTC1297DCN8
For Military Temperature Ranges please contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com