Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1318 Datasheet(PDF) 3 Page - Linear Technology

Part # 1318
Description  Single 5V RS232/RS422/AppleTalk DCE Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1318 Datasheet(HTML) 3 Page - Linear Technology

  1318 Datasheet HTML 1Page - Linear Technology 1318 Datasheet HTML 2Page - Linear Technology 1318 Datasheet HTML 3Page - Linear Technology 1318 Datasheet HTML 4Page - Linear Technology 1318 Datasheet HTML 5Page - Linear Technology 1318 Datasheet HTML 6Page - Linear Technology 1318 Datasheet HTML 7Page - Linear Technology 1318 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1318
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Receiver
VTH
Differential Receiver Threshold
q
– 0.2
0.2
V
CMR
Common-Mode Input Range
q
–7
7
V
Hysteresis
VCM = OV
q
30
mV
RIN
Input Resistance
TA = 25
°C
357
k
Ω
VOL
Output Low Voltage
IOUT = –1.6mA
0.4
V
VOH
Output High Voltage
IOUT = 160µA, VCC = 5V
q
3.5
V
IOSS
Short-Circuit Output Current
VO = GND or VCC
q
±7
±85
mA
Single-Ended Receiver
VL
Input Voltage Low Threshold
q
0.8
1.4
V
VIH
Input Voltage High Threshold
q
1.8
2.4
V
Hysteresis
q
0.1
0.4
1.0
V
RIN
Input Resistance
TA = 25
°C
357
k
Ω
VOL
Output Low Voltage
IOUT = –4mA
q
0.2
0.4
V
VOH
Output High Voltage
IOUT = 4mA, VCC = 5V
q
3.5
4.8
– V
IOSS
Short-Circuit Output Current
VO = GND or VCC
q
±7
±85
mA
VILRXM
RXMODE Input Low Voltage
q
0.8
1.6
V
VIHRXM
RXMODE Input High Voltage
q
1.6
2.0
V
IINRXM
RXMODE Input Current
VIN = OV or VCC
q
±2
µA
Switching Characteristics
tPLH,HL
Differential Driver Propagation Delay
RL = 100Ω, CL = 100pF (Figures 2,3)
q
35
100
ns
tSKEW
Differential Driver Output to Output
RL = 100Ω, CL = 100pF (Figures 2,3)
q
535
ns
tR,F
Differential Driver Rise, Fall Time
RL = 100Ω, CL = 100pF (Figures 2,3)
q
15
50
ns
tPLH,HL
Differential Receiver Propagation Delay
CL = 15pF, (Figures 4)
q
110
200
ns
tSEL
Receiver Mode Switching Time
q
25
100
ns
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into device pins are negative, all currents out of device
pins are positive. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given at VCC = 5V, TA = 25°C.
VS = 5V ±5%, C1 = C2 = 0.1µF, TA = 0°C to 70°C, unless otherwise specified. (Notes 2, 3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com