Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1276BCN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1276BCN
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1276BCN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1276BCN Datasheet HTML 12Page - Linear Technology LTC1276BCN Datasheet HTML 13Page - Linear Technology LTC1276BCN Datasheet HTML 14Page - Linear Technology LTC1276BCN Datasheet HTML 15Page - Linear Technology LTC1276BCN Datasheet HTML 16Page - Linear Technology LTC1276BCN Datasheet HTML 17Page - Linear Technology LTC1276BCN Datasheet HTML 18Page - Linear Technology LTC1276BCN Datasheet HTML 19Page - Linear Technology LTC1276BCN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1273
LTC1275/LTC1276
S
APPLICATI
I FOR ATIO
t1
t2
t11
t10
t6
t7
t5
t1
t3
t12
tCONV
OLD DATA
DB11-DB0
NEW DATA
DB11-DB0
TRACK
HOLD
DATA
BUSY
RD
CS
RD
LTC1273/75/76 • F13
Figure 13. Slow Memory Mode, Parallel Read Timing Diagram
Table 2. Slow Memory Mode, Parallel Read Data Bus Status
Data Outputs
D11
D10
D9
D8
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
Read
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
8MSBs) where it can be read in two read cycles. The
4MSBs always appear on D11...D8 whenever the three-
state output drivers are turned on.
Slow Memory Mode, Parallel Read (HBEN = LOW)
Figure 13 and Table 2 show the timing diagram and data
bus status for Slow Memory Mode, Parallel Read. CS and
RD going low trigger a conversion and the ADC acknowl-
edges by taking BUSY low. Data from the previous conver-
sion appears on the three-state data outputs. BUSY re-
turns high at the end of conversion when the output
latches have been updated and the conversion result is
placed on data outputs D11...D0/8.
Slow Memory Mode, Two Byte Read
For a two byte read, only 8 data outputs D7...D0/8 are used.
Conversion start procedure and data output status for the
first read operation are identical to Slow Memory Mode,
Parallel Read. See Figure 14 timing diagram and Table 3
data bus status. At the end of the conversion, the low data
byte (D7...D0/8) is read from the ADC. A second READ
operation, with the HBEN high, places the high byte on data
outputs D3/11...D0/8 and disables conversion start. Note
on all three inputs to initiate a conversion. Once initiated it
cannot be restarted until the conversion is complete.
Converter status is indicated by the BUSY output, and this
is low while conversion is in progress.
There are two modes of operation as outlined by the timing
diagrams of Figures 13 to 16. Slow Memory Mode is
designed for microprocessors which can be driven into a
WAIT state. A READ operation brings CS and RD low which
initiates a conversion and data is read when conversion is
complete. The second is the ROM Mode which does not
require microprocessor WAIT states. A READ operation
brings CS and RD low which initiates a conversion and
reads the previous conversion result.
Data Format
The output format can be either a complete parallel load for
16-bit microprocessors or a two byte load for 8-bit micro-
processors. Data is always right justified (i.e., LSB is the
most right-hand bit in a 16-bit word). For a two byte read,
only data outputs D7...D0/8 are used. Byte selection is
governed by the HBEN input which controls an internal
digital multiplexer. This multiplexes the 12-bits of conver-
sion data onto the lower D7...D0/8 outputs (4MSBs or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com