Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1291CC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1291CC
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291CC Datasheet(HTML) 5 Page - Linear Technology

  LTC1291CC Datasheet HTML 1Page - Linear Technology LTC1291CC Datasheet HTML 2Page - Linear Technology LTC1291CC Datasheet HTML 3Page - Linear Technology LTC1291CC Datasheet HTML 4Page - Linear Technology LTC1291CC Datasheet HTML 5Page - Linear Technology LTC1291CC Datasheet HTML 6Page - Linear Technology LTC1291CC Datasheet HTML 7Page - Linear Technology LTC1291CC Datasheet HTML 8Page - Linear Technology LTC1291CC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1291
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
DOUT Delay Time vs Temperature
Maximum Clock Rate vs Source
Resistance
Maximum Filter Resistor vs
Cycle Time
CYCLE TIME (µs)
10
100
1k
10k
10
1k
10k
1291 G12
1
100
+
–
+VIN
CFILTER ≥1µF
RFILTER
100
0.2
0.4
0.6
0.8
1.0
1k
10k
100k
1291 G11
0
VCC = 5V
CLK = 1MHz
RSOURCE– (Ω)
+
–
+IN
–IN
+VIN
RSOURCE–
AMBIENT TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
1291 G14
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
Input Channel Leakage Current
vs Temperature
Sample-and-Hold Acquisition
Time vs Source Resistance
* MAXIMUM CLK FREQUENCY REPRESENTS THE CLK
FREQUENCY AT WHICH A 0.1LSB SHIFT IN THE
ERROR AT ANY CODE TRANSITION FROM ITS 1MHz
VALUE IS FIRST DETECTED.
**MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR
VALUE AT WHICH A 0.1LSB CHANGE IN FULL SCALE
ERROR FROM ITS VALUE AT RFILTER = 0Ω IS FIRST
DETECTED.
PI FU CTIO S
#
PIN
FUNCTION
DESCRIPTION
1
CS
Chip Select Input
A logic low on this input enables the LTC1291.
2, 3
CH0, CH1
Analog Inputs
These inputs must be free of noise with respect to GND.
4
GND
Analog Ground
GND should be tied directly to an analog ground plane.
5DIN
Digital Data Input
The multiplexer address is shifted into this input.
6DOUT
Digital Data Output
The A/D conversion result is shifted out of this output.
7
CLK
Shift Clock
This clock synchronizes the serial data transfer.
8VCC(VREF)
Positive Supply and
This pin provides power and defines the span of the A/D converter. This supply must be kept free of noise and
Reference Voltage
ripple by bypassing directly to the analog ground plane.
AMBIENT TEMPERATURE (°C)
–50
150
200
250
50
1291 G10
100
0
–25
0
25
75
125
100
VCC = 5V
50
MSB-FIRST DATA
LSB-FIRST DATA
RSOURCE+ (Ω)
100
1
10
100
1k
10k
1291 G13
+
–
VIN
RSOURCE+
VCC = 5V
TA = 25°C
0V TO 5V INPUT STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com