Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1323CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1323CS
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1323CS Datasheet HTML 1Page - Linear Technology LTC1323CS Datasheet HTML 2Page - Linear Technology LTC1323CS Datasheet HTML 3Page - Linear Technology LTC1323CS Datasheet HTML 4Page - Linear Technology LTC1323CS Datasheet HTML 5Page - Linear Technology LTC1323CS Datasheet HTML 6Page - Linear Technology LTC1323CS Datasheet HTML 7Page - Linear Technology LTC1323CS Datasheet HTML 8Page - Linear Technology LTC1323CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1323
ELECTRICAL CHARACTERISTICS V
CC = 5V ± 10%, TA = 0°C to 70°C (Notes 2 and 3)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given at VCC = 5V, TA = 25°C.
Note 4: ILOAD is an external current being sunk into the VEE pin.
Note 5: These specifications apply to the 24-pin SO Wide package only.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs
VIH
Input High Voltage
All Logic Input Pins
q
2.0
V
VIL
Input Low Voltage
All Logic Input Pins
q
0.8
V
IC
Input Current
All Logic Input Pins
q
±1.0
±20
µA
Switching Characteristics
tPLH, tPHL
Differential Driver Propagation Delay
RL = 100Ω, CL = 100pF (Figures 2, 7)
q
40
120
ns
Differential Driver Propagation Delay
RL = 3k, CL = 100pF (Figures 3, 9)
q
120
180
ns
with Single-Ended Load
Single-Ended Driver Propagation Delay
RL = 3k, CL = 100pF, (Figures 5, 10) (Note 5)
q
40
120
ns
Differential Receiver Propagation Delay
CL = 15pF (Figures 2, 11)
q
70
160
ns
Single-Ended Receiver
CL = 15pF (Figures 6, 12) (Note 5)
q
70
160
ns
Propagation Delay
Inverting Receiver Propagation Delay
CL = 15pF (Figures 6, 12) (Note 5)
q
150
600
ns
in Keep-Alive Mode,
SHDN = 0V, CPEN = VCC
tSKEW
Differential Driver Output to Output
RL = 100Ω, CL = 100pF (Figures 2, 7)
q
10
50
ns
tr, tf
Differential Driver Rise/Fall Time
RL = 100Ω, CL = 100pF (Figures 2, 7)
q
50
150
ns
Differential Driver Rise/Fall Time
RL = 3k, CL = 100pF (Figures 3, 9)
q
50
150
ns
with Single-Ended Load
Single-Ended Driver Rise/Fall Time
RL = 3k, CL = 100pF (Figures 5, 10) (Note 5)
q
15
80
ns
tHDIS, tLDIS
Differential Driver Output Active
CL = 15pF (Figures 4, 8)
q
180
250
ns
to Disable
Any Receiver Output Active to Disable
CL = 15pF (Figures 4, 13)
q
30
100
ns
tENH, tENL
Differential Driver
CL = 15pF (Figures 4, 8)
q
180
250
ns
Enable to Output Active
Any Receiver, Enable to Output Active
CL = 15pF (Figures 4, 13)
q
30
100
ns
VEER
Supply Rise Time from Shutdown
C1 = C2 = 0.33
µF, CVEE = 1µF
q
0.2
ms
or Receiver Keep-Alive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com