Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1340CMS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1340CMS8
Description  Low Noise, Voltage-Boosted Varactor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1340CMS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1340CMS8 Datasheet HTML 1Page - Linear Technology LTC1340CMS8 Datasheet HTML 2Page - Linear Technology LTC1340CMS8 Datasheet HTML 3Page - Linear Technology LTC1340CMS8 Datasheet HTML 4Page - Linear Technology LTC1340CMS8 Datasheet HTML 5Page - Linear Technology LTC1340CMS8 Datasheet HTML 6Page - Linear Technology LTC1340CMS8 Datasheet HTML 7Page - Linear Technology LTC1340CMS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1340
Low Noise, Voltage-Boosted
Varactor Driver
FREQUENCY (120kHz/DIV)
0dB
1340 TA02
900MHz
VCC = 3V
COUT = 270pF
Spectral Plot of VCO Output Driven by LTC1340
Resolution Bandwidth = 300Hz
DESCRIPTION
FEATURES
The LTC
®1340isavaractordiodedriverdesignedtogenerate
5V varactor drive from a single 3V or higher voltage supply.
It includes a low noise amplifier with an internal gain of 2.3
and a self-contained charge pump to generate output volt-
ages above the input supply. The amplifier input stage
includesabuilt-inoffsetvoltagethatallowstheoutputvoltage
to swing to ground without requiring OV on the input. This
feature maintains the phase detector within its linear range of
operation. The LTC1340 requires only three external surface
mount capacitors to implement a complete varactor driver
module.
The LTC1340 features output referred noise of 15
µVRMS,
minimizing frequency deviation in PLL frequency synthe-
sizer systems. Supply current is 400
µA typically with a 3V
supply, and drops to 1
µAinshutdown,maximizingoperating
life in battery-powered systems. Amplifier bandwidth is user-
adjustable from 10kHz up to 500kHz and the output typically
sinks or sources 20
µA, allowing fast output signal changes
with a typical varactor load. The amplifier input features rail-
to-rail input common mode range, allowing it
to interface with the output of virtually any phase detector
circuit.
The LTC1340 is available in MS8 and SO-8 packages.
TYPICAL APPLICATION
Low Voltage Frequency Synthesizer
LTC1340
PGND
CP
VCO
AVCC
AV = 2.3
VCC
0V TO 5V
IN
18
7
6
2
3
4
5
3V
1340 TA01
OUT
LOOP
FILTER
SHDN
SHUTDOWN
AGND
270pF
0.1
µF
0.1
µF
PHASE
DETECTOR
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Generates 5V Varactor Drive from a 3V Supply
s
Wide Supply Voltage Range: 2.7V to 6V
s
Requires Only Three External Components
s
Micropower Operation: 400
µA at 3V Supply
s
Shutdown Mode Drops Supply Current Below 1
µA
s
Low Output Noise: 15
µVRMS
s
Amplifier Gain: 2.3
s
Up to 500kHz Signal Bandwidth
s
MS8 and SO-8 Packages
s
Very Low Input Bias Current: 10nA Max
s
Amplifier Offset Maintains Phase Detector
in Linear Region
APPLICATIONS
s
5V Varactor Drive from a Single Li-Ion Cell
s
5V Varactor Drive from Three NiCd/NiMH Cells
s
Cellular Telephones
s
Portable RF Equipment
s
Radio Modems
s
Wireless Data Transmission


Similar Part No. - LTC1340CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
More results

Similar Description - LTC1340CMS8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Tyco Electronics
MA4ST1300 MACOM-MA4ST1300 Datasheet
81Kb / 5P
Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
Melexis Microelectronic...
US168 MELEXIS-US168 Datasheet
624Kb / 13P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Melexis Microelectronic...
US168 MELEXIS-US168_14 Datasheet
1Mb / 13P
Low Noise & Low voltage Single-Coil Fan & Motor Driver
logo
Linear Technology
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com